Electronic Components Datasheet Search
  English  ▼

X  

AT24CS64 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24CS64
Description  IC-Compatible (2-wire) Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24CS64 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24CS64_14 Datasheet HTML 1Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 2Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 3Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 4Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 5Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 6Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 7Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 8Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
AT24CS64 [DATASHEET]
Atmel-8870B-SEEPROM-AT24CS64-Datasheet_082014
3.
Absolute Maximum Ratings
4.
Block Diagram
Figure 4-1.
Block Diagram
Operating Temperature .........................-55
C to +125C
Storage Temperature ............................-65
C to +150C
Voltage on Any Pin
With Respect to Ground ...........................-1.0V to +7.0V
Maximum Operating Voltage................................. 6.25V
DC Output Current ............................................... 5.0mA
*Notice: Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only
and functional operation of the device at these or
any other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Start
Stop
Logic
Data Word
ADDR/Counter
Device
Address
Comparator
Data Latches
DOUT / ACK
Logic
Column
Decoder
EEPROM
Array
Serial
Control
Logic
High Voltage
Pump & Timing
128-bit
Serial
Number
Serial MUX
Read
Read/Write
Enable
COMP
Load
INC
VCC
GND
WP
SCL
SDA
DOUT
D
IN
A2
A1
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com