Electronic Components Datasheet Search
  English  ▼

X  

AT24CS64 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT24CS64
Description  IC-Compatible (2-wire) Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24CS64 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT24CS64_14 Datasheet HTML 1Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 2Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 3Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 4Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 5Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 6Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 7Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 8Page - ATMEL Corporation AT24CS64_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
AT24CS64 [DATASHEET]
Atmel-8870B-SEEPROM-AT24CS64-Datasheet_082014
2
1.
Description
The Atmel® AT24CS64 provides 65,536 bits of Serial Electrically Erasable and Programmable Read-only
Memory (EEPROM) organized as 8,192 words of eight bits each. The device is optimized for use in many
industrial and commercial applications where low-power and low-voltage operation are essential. The
AT24CS64 is available in space-saving, 8-lead JEDEC SOIC, 8-lead TSSOP, and 8-pad UDFN packages and
is accessed via a 2-wire serial interface. Full operation is guaranteed from 1.7V to 5.5V VCC.
The AT24CS64 provides the additional feature of a factory programmed, guaranteed unique 128-bit serial
number, while maintaining all of the traditional features available in the 64-Kbit Serial EEPROM. The time
consuming step of performing and ensuring true serialization of product on a manufacturing line can be
removed from the production flow by employing the CS Series Serial EEPROM. The 128-bit serial number is
programmed and permanently locked from future writing during the Atmel production process. Further, this
128-bit location does not consume any of the user read/write area of the 64-Kbit Serial EEPROM. The
uniqueness of the serial number is guaranteed across the entire CS Series of Serial EEPROMs, regardless of
the size of the memory array or the type of interface protocol. This means that as an application's needs for
memory size or interface protocol evolve in future generations, any previously deployed serial number from any
Atmel CS Series Serial EEPROM part will remain valid.
2.
Pin Descriptions and Pinout
Figure 2-1.
Pin Configuration
Pin Name
Function
A0 – A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
GND
Ground
VCC
Power Supply
Note:
Drawings are not to scale.
1
2
3
4
A0
A1
A2
GND
8
7
6
5
VCC
WP
SCL
SDA
8-pad UDFN
8-lead TSSOP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
1
2
3
4
A0
A1
A2
GND
8
7
6
5
VCC
WP
SCL
SDA
8-lead SOIC
Top View
Top View
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com