Electronic Components Datasheet Search
  English  ▼

X  

IDTP9030 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDTP9030
Description  Single Chip Wireless Power Transmitter IC for TX-A1
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTP9030 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDTP9030 Datasheet HTML 1Page - Integrated Device Technology IDTP9030 Datasheet HTML 2Page - Integrated Device Technology IDTP9030 Datasheet HTML 3Page - Integrated Device Technology IDTP9030 Datasheet HTML 4Page - Integrated Device Technology IDTP9030 Datasheet HTML 5Page - Integrated Device Technology IDTP9030 Datasheet HTML 6Page - Integrated Device Technology IDTP9030 Datasheet HTML 7Page - Integrated Device Technology IDTP9030 Datasheet HTML 8Page - Integrated Device Technology IDTP9030 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
IDTP9030
Product Datasheet
Revision 1.0.2
2
©2012IntegratedDeviceTechnology,Inc.
88uF
WPC TX-A1
IDTP9030
`
SCL
SDA
REG_IN
RESET
RESET
SDA
SW
PGND
VOSNS
ISNS
HPF
Buzzer
LX
BST
LDO2P5V_IN
BUCK5VT
BUCK5VT_IN
10uF
1uF
GND
2
GPIO_1
LDO5V
LDO5V
LDO2P5V
BUCK5VT_SNS
3.3nF
1
1.8nF
1
1uF
1uF/25V
LDO2P5V
4.7uH
47nF
10uF
BUCK5VT
1.5K
10K
22nF
20K
20K
47K
4.7nF
1
10K
1uF
SCL
47K
5.1K
LEDB
RTOP
5.1K
LEDA
GPIO_0
GPIO_2
3
GPIO_3
GPIO_4
IN
ADAPTOR
47K
RNTC
2.2nF
100nF
1
250V
1.2nF
1
EN
EN
VO
1uF
REFGND
AGND
DGND
EP
(3x33nF)
(4x22uF)
Figure 1. IDTP9030 Simplified Application Schematic
Note 1: NPO/C0G-type ceramic capacitor.
Note 2: For PCB layout, use single-point reference (“star” ground), refer to design schematic in Figure 15).
Note 3: In circuit at GPIO_2, RTOP is required to linearize the temperature range of the thermistor, RNTC. Please contact IDT for a spreadsheet calculator to guide thermistor
selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com