Electronic Components Datasheet Search
  English  ▼

X  

IDTP9030 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # IDTP9030
Description  Single Chip Wireless Power Transmitter IC for TX-A1
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTP9030 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button IDTP9030 Datasheet HTML 17Page - Integrated Device Technology IDTP9030 Datasheet HTML 18Page - Integrated Device Technology IDTP9030 Datasheet HTML 19Page - Integrated Device Technology IDTP9030 Datasheet HTML 20Page - Integrated Device Technology IDTP9030 Datasheet HTML 21Page - Integrated Device Technology IDTP9030 Datasheet HTML 22Page - Integrated Device Technology IDTP9030 Datasheet HTML 23Page - Integrated Device Technology IDTP9030 Datasheet HTML 24Page - Integrated Device Technology IDTP9030 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
IDTP9030
Product Datasheet
Revision 1.0.2
21
© 2012 Integrated Device Technology, Inc.
Table 6. IDTP9030 WPC “Qi” Compliance Bill of Materials
Item # Qty Ref Design
Description
Manufacturer
Part #
PCB Footprint
1
3
C2,C16,C22
CAP CER 0.1UF 50V 10% X7R
TDK
C2012X7R1H104K/0.85
805
3
C20,C23,C25 Option 1
CAP CER 0.033UF 250V 5% NP0/C0G
1
TDK
C4532C0G2E333JT
1812
2
C20,C23
Option 2
CAP CER 0.047UF 250V 5% NP0/C0G
1
TDK
C4532C0G2E473JT
1812
3
5
C8,C9,C11,C12,C29
CAP CER 1UF 25V 10% X7R
Taiyo Yuden
TMK107B7105KA-T
0603
4
4
C7, C10, C13, C14
CAP CER 22UF 25V 10% X7R
Taiyo Yuden
TMK325B7226MM-TR
1210
5
1
C4
OSCON 82UF 25V 20% 105DEGC
Panasonic
25SVPF82M
E7
5
1
C17
CAP CER 0.047UF 16V 10% X7R
Murata
GRM188R71C473KA01D
0603
6
1
C21
CAP CER 10UF 25V 10% X5R
TDK
C2012X5R1E106K
0805
7
1
C15
CAP CER 2200PF 16V 10% X7R
AVX
0603YC222KAT2A
603
8
1
C6
CAP CER 0.1UF 50V 10% X7R
Murata
GRM188R71H104KA93D
0603
9
1
C26
CAP CER 10UF 6.3V 10% X7R
Taiyo Yuden
JMK212B7106KG-T
805
10
1
C18
CAP CER 3300PF 50V 5% NP0/C0G
1
Murata
GCM1885C1H332JA16D
0603
11
1
C24
CAP CER 1800PF 50V 5% NP0/C0G
1
Murata
GRM1885C1H182JA01D
0603
12
1
C27
CAP CER 0.022UF 100V X7R 10%
TDK
C1608X7R2A223K
0603
12
1
C28
CAP CER 1200PF 100V 5% NP0/C0G
1
TDK
C1608C0G2A122J
0603
13
1
C19
CAP CER 4700PF 50V 5% NP0/C0G
1
TDK
CGJ3E2C0G1H472J
0603
14
1
D6
DIODE SWITCH 200V 250MW
Diodes Inc
BAV21W-7-F
SOD123
15
1
D5
DIODE SWITCH 75V 300mA
Micro Comm Co
1N4148W-TP
SOD123
16
1
L2
4.7uH 20% 580mA
Coilcraft
XPL2010-472ML
2ML
E&E
Y31-60014F
TDK
TTx-52-T2V
Toko
X1387
18
1
R18
RES 100K OHM 1/16W 1%
Yageo
RC0402FR-07100KL
402
19
2
R28,R30
RES 20.0K OHM 1/10W 1%
Panasonic
ERJ-3EKF2002V
0603
20
1
R31
RES 1.50K OHM 1/10W 1%
Panasonic
ERJ-3EKF1501V
0603
20
1
R24
RES 10.0K OHM 1/16W 1%
Yageo
RC0402FR-0710KL
402
21
1
R29
RES 10.0K OHM 1/10W 1% 0603 SMD
Panasonic
ERJ-3EKF1002V
603
22
1
R27
RES 47K OHM 1/10W 5%
Panasonic
ERJ-2GEJ473X
402
23
1
U1
IC EEPROM 64KBIT 400KHZ
Microchip
24AA64T-I/MNY
8TDFN
24
1
U2
IC Wireless Power Transmitter
IDT
IDTP9030
6x6x0.8-48TQFN
WPC "Qi" Compliance Components
1
1
D1
LED SMARTLED 630NM RED
OSRAM
L29K-G1J2-1-0-2-R18-Z
0603_LED
2
1
D2
LED SMARTLED GREEN 570NM
OSRAM
LG L29K-G2J1-24-Z
0603_LED
19
2
R7, R8
RES 4.9K OHM 1/10W 5%
Panasonic
ERJ-2RKF4991X
402
20
3
R16,R17,R24
RES 10.0K OHM 1/16W 1%
Yageo
RC0402FR-0710KL
402
21
1
R20
RES 422 OHM 1/10W 1%
Panasonic
ERJ-2RKF4220X
402
22
2
R19,R23
RES 2.7K OHM 1/10W 5%
Panasonic
ERJ-2GEJ272X
402
23
2
C1,C5
CAP CER 0.1UF 50V 10% X7R
Murata
GRM188R71H104KA93D
0603
24
1
TH1
THERMISTOR NTC 10K OHM 1% RAD
TDK
B57551G0103F000
Through-hole
25
1
BZ1
BUZZER PIEZO 4KHZ PC MNT
TDK
PS1240P02CT3
12.2mmx3.5mm
53mmx53mm
2
17
1
L1
24uH Transmitter Coil WPC TX-A1
Note 1: Recommended capacitor temperature/dielectric and voltage ratings:
250V capacitors are recommended because 200Vp-p voltage levels may appear
on the resonance capacitors as stated in the WPC specification. C0G/NPO-type
capacitor values stay relatively constant with voltage while X7R and X5R
ceramic capacitor values de-rate from 40% to over 80%. The decision to use
lower voltage 100V capacitors or other type temperature/dielectric capacitors is
left to the end user.
External Components
The IDTP9030 requires a minimum number of external
components for proper operation (see the BOM in Table
10). A complete design schematic compliant to the WPC
“Qi” standard is given in Figure 19. It includes WPC “Qi”
LED signaling, buzzer, thermistor circuit, and EEPROM for
loading IDTP9030 firmware.
I2C Communication
The IDTP9030 includes an I2C block which can support
either I2C Master or I2C Slave operation. After power-on-
reset (POR), the IDTP9030 will initially become I2C Master
for the purpose of uploading firmware from an external
memory device, such as an EEPROM. The I2C Master
mode on the IDTP9030 does not support multi-master
mode, and it is important for system designers to avoid
any bus master conflict until the IDTP9030 has finished
any firmware uploading and has released control of the
bus as I2C Master. After any firmware uploading from
external memory is complete, and when the IDTP9030
begins normal operation, the IDTP9030 is normally
configured by the firmware to be exclusively in I2C Slave
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com