Electronic Components Datasheet Search
  English  ▼

X  

IDTP9030 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # IDTP9030
Description  Single Chip Wireless Power Transmitter IC for TX-A1
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTP9030 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDTP9030 Datasheet HTML 9Page - Integrated Device Technology IDTP9030 Datasheet HTML 10Page - Integrated Device Technology IDTP9030 Datasheet HTML 11Page - Integrated Device Technology IDTP9030 Datasheet HTML 12Page - Integrated Device Technology IDTP9030 Datasheet HTML 13Page - Integrated Device Technology IDTP9030 Datasheet HTML 14Page - Integrated Device Technology IDTP9030 Datasheet HTML 15Page - Integrated Device Technology IDTP9030 Datasheet HTML 16Page - Integrated Device Technology IDTP9030 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Revision1.0.2
13
©2012IntegratedDeviceTechnology,Inc.
IDTP9030
Product Datasheet
TYPICAL PERFORMANCE CHARACTERISTICS
, IN = BUCK5VT_IN = REG_IN = 19V, TA = 25oC. Unless otherwise noted.
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
RX Output Power (W)
System Efficiency versus RX Output Power: TX Input to RX Output
(IDTP9030 "Qi" TX-A1 Evaluation Kit and IDTP9020 CSP Engineering Sample PCB V1.0)
Figure 4. Efficiency vs. RX Output Power with IDTP9020 Receiver
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
RX Output Power (W)
Efficiency versus RX Output Power: TX DC-to-AC
(IDTP9030 "Qi" TX-A1 Evaluation Kit and AVID Technologies, Inc., Qi Receiver
Simulator)
Figure 5. Spacing between TX and RX coils is 2 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com