Electronic Components Datasheet Search
  English  ▼

X  

H393P Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # H393P
Description  LOW POWER LOW OFFSET VOLTAGE COMPARATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H393P Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  H393P Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H393P Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H393P Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 2001.05.01
Revised Date : 2001.06.22
Page No. : 2/3
H393P
HSMC Product Specification
Absolute Maximum Ratings (see Note)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
36
V
Differential Input Voltage
VID
36
V
Common-Mode Input Voltage
VI
-5 to 36
V
Output Short Current to GND
-
Infinite*
-
Power Dissipation
PD
350 (Ta
≤55°C)
mW
Operating Temperature
Ta
-20 to +75
°C
Storage Temperature
Tstg
-55 to +125
°C
*: This value is specified with respect to the short circuit from output to GND. However, short circuit from the output to VCC
cause device destruction.
Note: Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional operation should
be restricted to the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Recommended Operating Conditions
Rating
Symbol
Value
Unit
2 to 30
Power Supply Voltage
VCC
±1.0 to ±15
V
Operating Temperature
Ta
-20 to +75
°C
Output Sink Current
Isink
≤40
mA
Electrical Characteristics (Vcc=5V, Ta=25
°C)
Value
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Offset Voltage
Vio
Vo=VREF=1.4V
-
2
5
mV
Input Offset Current
Iio
-
-
5
50
nA
Input Bias Current
Iin*1
-
-
25
250
nA
Common-Mode Input Voltage
Vcm*2
-
0
-
Vcc-1.5
V
Power Supply Current
Icc
RL=
∞
-2
3
mA
Voltage Gain
Av
RL=15k
Ω, Vcc=15V
-
200
-
V/mV
Response Time
-
RL=1k
Ω
-2
-
us
Output Sink Current
Isink
Vin
(+)=0, Vin(-)=1V, Vol≤1.5V
40
-
-
mA
Output Saturation Voltage
Vol
Vin
(+)=0, Vin(-)=1V, Isink≤30mA
-0.2
0.4
V
Output Leakage Current
Ileak
Vin
(+)=1V, Vin(-)=0, Vo=30V
-
-
1
uA
Notes:
*1: Iin is measued when Vi
≥0 and direction of the input current flows from IC. When negative voltage is applied to input pin, the
pin is equivalently connected the GND through a 1k
Ω of resistor.
When low voltage below than –5V is applied, please connect a resistor serially to input pin in order to prevent the high
current flow.
*2: Positive input voltage may exceed the power supply voltage. As long as the other voltage remains in the common-mode
input voltage range, the comparator will provide a proper output state.
When Vcc=5V, your are requested to use Vin below 25V.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com