Electronic Components Datasheet Search
  English  ▼

X  

H393P Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # H393P
Description  LOW POWER LOW OFFSET VOLTAGE COMPARATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H393P Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H393P Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H393P Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H393P Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 2001.05.01
Revised Date : 2001.06.22
Page No. : 1/3
H393P
HSMC Product Specification
H393P
LOW POWER LOW OFFSET VOLTAGE COMPARATORS
Description
The H393P series consists of two independent precision voltage
comparators designed specifically to operate from a single power supply
over a wide range of voltages, the input common mode voltage range
includes ground. Owing to adoption of clamp circuitry in input pins, mis-
operation is prevented by negative input.
Features
• Wide power supply voltage range
Single power supply .............................................................................................................. 2 V to 30 V
Dual power supplies........................................................................................................
± 1 V to ± 15 V
• Wide input common-mode voltage range .................................................................... 0 V to (Vcc-1.5) V
• Low input bias current ............................................................................................................. 25 nA typ.
• High sink current capability because of open collector otput 40mA min.
Pin Configurations
Pin 1 : Output A
Pin 5 : + Input B
Pin 2 : - Input A
Pin 6 : - Input B
Pin 3 : + Input A
Pin 7 : Output B
5
6
7
8
4
3
2
1
-
+
+
-
Pin 4 : GND
Pin 8 : Vcc
Equivalent Circuit
1K
1K
OUT
-IN
+IN
Vcc


Similar Part No. - H393P

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
H3904 HUASHAN-H3904 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
H3906 HUASHAN-H3906 Datasheet
71Kb / 1P
PNP SILICON TRANSISTOR
H3950 HUASHAN-H3950 Datasheet
115Kb / 1P
NPN SILICON TRANSISTOR
H3953 HUASHAN-H3953 Datasheet
115Kb / 1P
NPN SILICON TRANSISTOR
logo
Guangdong Huixin Electr...
H397N6HD7 HUIXIN-H397N6HD7 Datasheet
537Kb / 6P
65V Single N-Channel MOSFET
More results

Similar Description - H393P

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331 Datasheet
218Kb / 5P
Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_10 Datasheet
543Kb / 5P
Low Power Low Offset Voltage Comparators
TS331 TSC-TS331_14 Datasheet
246Kb / 5P
Low Power Low Offset Voltage Comparators
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
Low-Power, Low-Offset Voltage, Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
Low Power Low Offset Voltage Dual Comparators
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com