Electronic Components Datasheet Search
  English  ▼

X  

H393P Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # H393P
Description  LOW POWER LOW OFFSET VOLTAGE COMPARATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H393P Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  H393P Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H393P Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H393P Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data
Issued Date : 2001.05.01
Revised Date : 2001.06.22
Page No. : 3/3
H393P
HSMC Product Specification
DIP-8P Dimension
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.2480
0.2520
6.29
6.40
H
0.0150
0.0210
0.38
0.53
B
0.3630
0.3670
9.22
9.32
I
0.0898
0.1098
2.28
2.79
C
-
*0.0600
-
*1.52
J
0.2950
0.3050
7.49
7.74
D
-
*0.0500
-
*1.27
K
-
*0.1181
-
*3.00
E
-
*0.0390
-
*0.99
L
0.3370
0.7470
8.56
8.81
F
0.1280
0.1320
3.25
3.35
M
0.0090
0.0150
0.229
0.381
G
0.1250
0.1400
3.17
3.55
α194°
97
°
94
°
97
°
Notes : 1.Dimension and tolerance based on our Spec. dated Sep. 07,1997.
2.Controlling dimension : millimeters.
3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
• Lead : 42 Alloy ; solder plating
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice :
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC.
• HSMC reserves the right to make changes to its products without notice.
• HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
• Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C.
Tel : 886-2-25212056
Fax : 886-2-25632712, 25368454
• Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C
Tel : 886-3-5983621~5 Fax : 886-3-5982931
DIP-8P Plastic Package
HSMC Package Code : P
A
B
8
7
65
4
3
2
1
H
I
F
G
J
K
M
L
α1
E
D
C
Marking :
Date Code
P
H
393



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com