Electronic Components Datasheet Search
  English  ▼

X  

AT28C040 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT28C040
Description  Automatic Page Write Operation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C040 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT28C040 Datasheet HTML 1Page - ATMEL Corporation AT28C040 Datasheet HTML 2Page - ATMEL Corporation AT28C040 Datasheet HTML 3Page - ATMEL Corporation AT28C040 Datasheet HTML 4Page - ATMEL Corporation AT28C040 Datasheet HTML 5Page - ATMEL Corporation AT28C040 Datasheet HTML 6Page - ATMEL Corporation AT28C040 Datasheet HTML 7Page - ATMEL Corporation AT28C040 Datasheet HTML 8Page - ATMEL Corporation AT28C040 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Features
• Read Access Time – 200 ns
• Automatic Page Write Operation
– Internal Address and Data Latches for 256 Bytes
– Internal Control Timer
• Fast Write Cycle Time
– Page Write Cycle Time – 10 ms Maximum
– 1 to 256 Byte Page Write Operation
• Low Power Dissipation
– 50 mA Active Current
• Hardware and Software Data Protection
• DATA Polling for End of Write Detection
• High Reliability CMOS Technology
– Endurance: 10,000 Cycles
– Data Retention: 10 Years
• Single 5V ± 10% Supply
• CMOS and TTL Compatible Inputs and Outputs
• JEDEC Approved Byte-Wide Pinout
1.
Description
The AT28C040 is a high-performance electrically erasable and programmable read-
only memory (EEPROM). Its 4 megabits of memory is organized as 524,288 words by
8 bits. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device
offers access times to 200 ns with power dissipation of just 440 mW.
The AT28C040 is accessed like a static RAM for the read or write cycle without the
need for external components. The device contains a 256-byte page register to allow
writing of up to 256 bytes simultaneously. During a write cycle, the address and 1 to
256 bytes of data are internally latched, freeing the address and data bus for other
operations. Following the initiation of a write cycle, the device will automatically write
the latched data using an internal control timer. The end of a write cycle can be
detected by Data Polling of I/O7. Once the end of a write cycle has been detected, a
new access for a read or write can begin.
Atmel's AT28C040 has additional features to ensure high quality and manufacturabil-
ity. The device utilizes internal error correction for extended endurance and improved
data retention characteristics. An optional software data protection mechanism is
available to guard against inadvertent writes. The device also includes an extra 256
bytes of EEPROM for device identification or tracking.
4-Megabit
(512K x 8)
Paged Parallel
EEPROMs
AT28C040
0542F–PEEPR–2/09


Similar Part No. - AT28C040

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C040 ATMEL-AT28C040 Datasheet
332Kb / 12P
4-Megabit 512K x 8 Paged E2PROM
AT28C040 ATMEL-AT28C040 Datasheet
475Kb / 16P
4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C040 ATMEL-AT28C040 Datasheet
385Kb / 15P
4-Megabit (512K x 8) Paged Parallel EEPROMs
AT28C040-20 ATMEL-AT28C040-20 Datasheet
332Kb / 12P
4-Megabit 512K x 8 Paged E2PROM
AT28C040-20BC ATMEL-AT28C040-20BC Datasheet
332Kb / 12P
4-Megabit 512K x 8 Paged E2PROM
More results

Similar Description - AT28C040

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV256 ATMEL-AT28BV256_14 Datasheet
301Kb / 17P
Automatic Page Write Operation
AT28C010 ATMEL-AT28C010_14 Datasheet
476Kb / 17P
Automatic Page Write Operation
AT28C64B ATMEL-AT28C64B_14 Datasheet
313Kb / 18P
Automatic Page Write Operation
AT28C256 ATMEL-AT28C256_14 Datasheet
665Kb / 25P
Automatic Page Write Operation
AT28HC64B ATMEL-AT28HC64B_14 Datasheet
394Kb / 17P
Automatic Page Write Operation
AT45D011 ATMEL-AT45D011_14 Datasheet
277Kb / 21P
Page Program Operation
AT45DB321 ATMEL-AT45DB321_14 Datasheet
320Kb / 21P
Page Program Operation
AT28HC64BF ATMEL-AT28HC64BF_14 Datasheet
373Kb / 16P
Automatic Page Write Operation
AT28HC256N ATMEL-AT28HC256N_14 Datasheet
243Kb / 13P
Automatic Page Write Operation
AT28C010-12DK ATMEL-AT28C010-12DK_14 Datasheet
361Kb / 19P
Automatic Page Write Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com