Electronic Components Datasheet Search
  English  ▼

X  

AT28C040 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT28C040
Description  Automatic Page Write Operation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C040 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT28C040 Datasheet HTML 7Page - ATMEL Corporation AT28C040 Datasheet HTML 8Page - ATMEL Corporation AT28C040 Datasheet HTML 9Page - ATMEL Corporation AT28C040 Datasheet HTML 10Page - ATMEL Corporation AT28C040 Datasheet HTML 11Page - ATMEL Corporation AT28C040 Datasheet HTML 12Page - ATMEL Corporation AT28C040 Datasheet HTML 13Page - ATMEL Corporation AT28C040 Datasheet HTML 14Page - ATMEL Corporation AT28C040 Datasheet HTML 15Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
0542F–PEEPR–2/09
AT28C040
26.2
44L – LCC
16.81(0.662)
16.26(0.640)
16.81(0.662)
16.26(0.640)
2.74(0.108)
2.16(0.085)
2.03(0.080)
1.40(0.055)
INDEX CORNER
0.635(0.025)
0.381(0.015)
X 45˚
0.305(0.012)
0.178(0.007)
RADIUS
0.737(0.029)
0.533(0.021)
1.02(0.040) X 45˚
PIN 1
1.40(0.055)
1.14(0.045)
2.41(0.095)
1.91(0.075)
2.16(0.085)
1.65(0.065)
12.70(0.500) BSC
1.27(0.050) TYP
12.70(0.500) BSC
Dimensions in Millimeters and (Inches)
Controlling dimension: Inches
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
44L, 44-pad (0.600" Wide), Non-windowed, Ceramic Lid, Leadless
Chip Carrier (LCC)
A
44L
04/11/01
MIL-STD-1835 C-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com