Electronic Components Datasheet Search
  English  ▼

X  

AT28C040 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT28C040
Description  Automatic Page Write Operation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C040 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT28C040 Datasheet HTML 2Page - ATMEL Corporation AT28C040 Datasheet HTML 3Page - ATMEL Corporation AT28C040 Datasheet HTML 4Page - ATMEL Corporation AT28C040 Datasheet HTML 5Page - ATMEL Corporation AT28C040 Datasheet HTML 6Page - ATMEL Corporation AT28C040 Datasheet HTML 7Page - ATMEL Corporation AT28C040 Datasheet HTML 8Page - ATMEL Corporation AT28C040 Datasheet HTML 9Page - ATMEL Corporation AT28C040 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
0542F–PEEPR–2/09
AT28C040
Notes:
1. X can be V
IL or VIH.
2. Refer to AC Programming Waveforms.
6.
DC and AC Operating Range
AT28C040-20 Operation
Read
Program
Operating Temperature (Case)
Industrial
-40°C - 85°C
-40°C - 85°C
Extended
-55°C - 125°C
-40°C - 85°C
VCC Power Supply
5V
± 10%
5V
± 10%
7.
Operating Modes
Mode
CE
OE
WE
I/O
Read
V
IL
V
IL
V
IH
D
OUT
Write(2)
VIL
VIH
VIL
DIN
Write Inhibit
X
X
VIH
Write Inhibit
X
V
IL
X
Output Disable
X
VIH
X
High Z
8.
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC + 1V
10
µA
ILO
Output Leakage Current
VI/O = 0V to VCC
10
µA
I
CC
V
CC Active Current
f = 5 MHz; I
OUT = 0 mA
50
mA
V
IL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.45
V
V
OH1
Output High Voltage
I
OH = -400 µA
2.4
V
VOH2
Output High Voltage CMOS
IOH = -100 µA; VCC = 4.5V
4.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com