Electronic Components Datasheet Search
  English  ▼

X  

W185 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # W185
Description  Six Output Peak Reducing EMI Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W185 Datasheet(HTML) 7 Page - Cypress Semiconductor

  W185 Datasheet HTML 1Page - Cypress Semiconductor W185 Datasheet HTML 2Page - Cypress Semiconductor W185 Datasheet HTML 3Page - Cypress Semiconductor W185 Datasheet HTML 4Page - Cypress Semiconductor W185 Datasheet HTML 5Page - Cypress Semiconductor W185 Datasheet HTML 6Page - Cypress Semiconductor W185 Datasheet HTML 7Page - Cypress Semiconductor W185 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
W185
7
Application Information
Recommended Circuit Configuration
For optimum performance in system applications the power
supply decoupling scheme shown in Figure 4 should be used.
VDD decoupling is important to both reduce phase jitter and
EMI radiation. The 0.1-
µF decoupling capacitor should be
placed as close to the VDD pin as possible, otherwise the in-
creased trace inductance will negate its decoupling capability.
The 10-
µF decoupling capacitor shown should be a tantalum
type. For further EMI protection, the VDD connection can be
made via a ferrite bead, as shown.
Recommended Board Layout
Figure 5 shows a recommended 2-layer board layout.
Document #: 38-00809-A
Figure 4. Recommended Circuit Configuration
24
23
22
21
1
2
3
4
C3
FB
C5
3.3V or 5V System Supply
10 µF Tantalum
0.1 µF
Clock
Reference Input
Output
R
9
20
19
18
17
16
15
14
13
8
7
6
5
12
11
10
R
R
Clock Output
Clock Output
C2
0.1 µF
C4
0.1 µF
R
R
R
C1
0.1 µF
NC
Logic Input
XTAL Connection or NC
Clock Output
Clock Output
Reference Output
Clock Output
R
XTAL Connection or
High frequency supply decoupling
capacitor (0.1-µF recommended).
Common supply low frequency
decoupling capacitor (10-µF tantalum
recommended).
FB
Ferrite Bead
C1....C4 =
C5 =
Match value to line impedance
R =
=
C4
C5
G
FB
=
Via To GND Plane
G
G
(3.3V or 5V)
Power Supply Input
G
Xtal Connection or Reference Input
Xtal Connection or NC
R
G
Clock Output
G
C3
C2
C1
G
G
G
R
R
R
Figure 5. Recommended Board Layout (2-Layer Board)
Ordering Information
Ordering Code
Package
Name
Package Type
W185
W185-5
H
24-Pin SSOP (209-mil)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com