Electronic Components Datasheet Search
  English  ▼

X  

W185 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W185
Description  Six Output Peak Reducing EMI Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W185 Datasheet(HTML) 1 Page - Cypress Semiconductor

  W185 Datasheet HTML 1Page - Cypress Semiconductor W185 Datasheet HTML 2Page - Cypress Semiconductor W185 Datasheet HTML 3Page - Cypress Semiconductor W185 Datasheet HTML 4Page - Cypress Semiconductor W185 Datasheet HTML 5Page - Cypress Semiconductor W185 Datasheet HTML 6Page - Cypress Semiconductor W185 Datasheet HTML 7Page - Cypress Semiconductor W185 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Six Output Peak Reducing EMI Solution
W185
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
July 25, 2000, rev. *A
Features
• Cypress PREMIS™ family offering
• Generates an EMI optimized clocking signal at the
output
• Selectable output frequency range
• Six 1.25%, 3.75%, or 0% down or center spread outputs
• One non-Spread output of Reference input
• Integrated loop filter components
• Operates with a 3.3V or 5V supply
• Low power CMOS design
• Available in 24-pin SSOP (Shrink Small Outline
Package)
• Outputs may be selectively disabled
Key Specifications
Supply Voltages: ........................................... VDD = 3.3V±5%
or VDD = 5V±10%
Frequency Range: ............................ 28 MHz
≤ F
in ≤ 75 MHz
Crystal Reference Range:................. 28 MHz
≤ F
in ≤ 40 MHz
Cycle to Cycle Jitter: ....................................... 300 ps (max.)
Selectable Spread Percentage: ....................1.25% or 3.75%
Output Duty Cycle: ............................... 40/60% (worst case)
Output Rise and Fall Time: .................................. 5 ns (max.)
Table 1. Modulation Width Selection
SS%
W185
Output
W185-5
Output
0Fin ≥ Fout ≥ Fin – 1.25%
Fin + 0.625% ≥ Fin≥
– 0.625%
1Fin ≥ Fout ≥ Fin – 3.75%
Fin + 1.875% ≥ Fin≥
–1.875%
Table 2. Frequency Range Selection
FS2
FS1
Frequency Range
0
0
28 MHz
≤ F
IN ≤ 38 MHz
0
1
38 MHz
≤ F
IN ≤ 48 MHz
10
46 MHz
≤ F
IN ≤ 60 MHz
11
58 MHz
≤ F
IN ≤ 75 MHz
Table 3. Output Enable
EN1
EN2
CLK0:4
CLK5
0
0
Low
Low
01
Low
Active
10
Active
Low
1
1
Active
Active
PREMIS is a trademark of Cypress Semiconductor Corporation.
Simplified Block Diagram
Pin Configuration
24
23
22
21
1
2
3
4
REFOUT
FS2
X1
X2
SSON#
RESET
FS1
VDD
5
6
7
18
19
20
VDD
NC
EN1
GND
SS%
EN2
8
9
10
15
16
17
CLK5
VDD
CLK4
GND
CLK0
VDD
13
14
GND
CLK3
11
12
CLK1
CLK2
SSOP
Spread Spectrum
W185
(EMI suppressed)
3.3V or 5.0V
Oscillator or
Spread Spectrum
W185
(EMI suppressed)
3.3V or 5.0V
XTAL
X1
X2
Reference Input
Input
Output
Output
40MHz
max.


Similar Part No. - W185

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W185 CYPRESS-W185 Datasheet
116Kb / 8P
Six Output Peak Reducing EMI Solution
July 25, 2000, rev. A
W185-5 CYPRESS-W185-5 Datasheet
116Kb / 8P
Six Output Peak Reducing EMI Solution
July 25, 2000, rev. A
More results

Similar Description - W185

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W184 CYPRESS-W184 Datasheet
128Kb / 8P
Six Output Peak Reducing EMI Solution
July 25, 2000, rev. B
W185 CYPRESS-W185 Datasheet
116Kb / 8P
Six Output Peak Reducing EMI Solution
July 25, 2000, rev. A
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
Peak EMI Reducing Solution
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
Peak EMI Reducing Solution
July, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com