Electronic Components Datasheet Search
  English  ▼

X  

STL8N65M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL8N65M5
Description  N-channel 650 V, 0.56, 7 A MDmesh V Power MOSFET in PowerFLAT 5x5
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8N65M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STL8N65M5 Datasheet HTML 1Page - STMicroelectronics STL8N65M5 Datasheet HTML 2Page - STMicroelectronics STL8N65M5 Datasheet HTML 3Page - STMicroelectronics STL8N65M5 Datasheet HTML 4Page - STMicroelectronics STL8N65M5 Datasheet HTML 5Page - STMicroelectronics STL8N65M5 Datasheet HTML 6Page - STMicroelectronics STL8N65M5 Datasheet HTML 7Page - STMicroelectronics STL8N65M5 Datasheet HTML 8Page - STMicroelectronics STL8N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
August 2011
Doc ID 019013 Rev 3
1/13
13
STL8N65M5
N-channel 650 V, 0.56
Ω, 7 A MDmesh™ V
Power MOSFET in PowerFLAT™ 5x5
Features
■ Worldwide best RDS(on) * area
■ Higher VDSS rating
■ High dv/dt capability
■ Excellent switching performance
■ Easy to drive
■ 100% avalanche tested
Applications
■ Switching applications
Description
This device is an N-channel MDmesh™ V Power
MOSFET based on an innovative proprietary
vertical process technology, which is combined
with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
Figure 1.
Internal schematic diagram
Order code
VDSS @
TJmax
RDS(on)
max
ID
STL8N65M5
710 V
< 0.6
Ω
7 A (1)
1.
The value is rated according to Rthj-case
PowerFLAT™ 5x5
1
2
3
4
12
13
14
7
6
5
11
10
9
8
Pin 1
Drain
S 2
S 3
S 4
(not connected)
D
14
D
13
D
12
11 G
10 S
9 S
8 S
5
D
6
D
7
D
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL8N65M5
8N65M5
PowerFLAT™ 5x5
Tape and reel
www.st.com


Similar Part No. - STL8N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL8N65M2 STMICROELECTRONICS-STL8N65M2 Datasheet
848Kb / 15P
N-channel 650 V, 1 typ., 4 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
30-May-2019
More results

Similar Description - STL8N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB8N65M5 STMICROELECTRONICS-STB8N65M5 Datasheet
1Mb / 25P
N-channel 650 V, 0.56 Ω, 7 A MDmesh??V Power MOSFET
05-Jul-2011
STL57N65M5 STMICROELECTRONICS-STL57N65M5 Datasheet
1Mb / 16P
N-channel 650 V, 0.061 廓 typ., 22.5 A MDmesh??V Power MOSFET in a PowerFLAT??8x8 HV package
25-Jan-2013
STB38N65M5 STMICROELECTRONICS-STB38N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.073, 30 A MDmesh V Power MOSFET
05-Mar-2013
STL52N25M5 STMICROELECTRONICS-STL52N25M5 Datasheet
759Kb / 13P
N-channel 250 V, 0.064, 28 A, PowerFLAT (5x6) MDmesh V Power MOSFET
26-Apr-2011
STL16N65M2 STMICROELECTRONICS-STL16N65M2 Datasheet
947Kb / 16P
N-channel 650 V, 0.325 ??typ., 7.5 A MDmesh M2 Power MOSFET in a PowerFLAT™5x6 HV package
31-Oct-2014
STL11N65M5 STMICROELECTRONICS-STL11N65M5 Datasheet
1Mb / 14P
N-channel 650 V, 0.475 Ω typ., 8.5 A MDmesh™ M5 Power MOSFET in a PowerFLAT™ 5x5 package
October 2014 Rev 2
STL42N65M5 STMICROELECTRONICS-STL42N65M5 Datasheet
686Kb / 14P
N-channel 650 V, 0.070 Ω, 34 A MDmesh™ V Power MOSFET in PowerFLAT™ 8x8 HV package
April 2012 Rev 2
STL3N65M2 STMICROELECTRONICS-STL3N65M2 Datasheet
318Kb / 13P
N-channel 650 V, 1.6 typ., 2.3 A MDmesh M2 Power MOSFET in a PowerFLAT 3.3x3.3 HV package
26-May-2022
STL8N65M2 STMICROELECTRONICS-STL8N65M2 Datasheet
848Kb / 15P
N-channel 650 V, 1 typ., 4 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
30-May-2019
STL10N65M2 STMICROELECTRONICS-STL10N65M2 Datasheet
796Kb / 15P
N-channel 650 V, 0.85 typ., 4.5 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
20-Jun-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com