Electronic Components Datasheet Search
  English  ▼

X  

STL51N3LLH5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL51N3LLH5
Description  N-channel 30 V, 0.0105, 51 A, PowerFLAT 5x6 STripFET V Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL51N3LLH5 Datasheet(HTML) 1 Page - STMicroelectronics

  STL51N3LLH5 Datasheet HTML 1Page - STMicroelectronics STL51N3LLH5 Datasheet HTML 2Page - STMicroelectronics STL51N3LLH5 Datasheet HTML 3Page - STMicroelectronics STL51N3LLH5 Datasheet HTML 4Page - STMicroelectronics STL51N3LLH5 Datasheet HTML 5Page - STMicroelectronics STL51N3LLH5 Datasheet HTML 6Page - STMicroelectronics STL51N3LLH5 Datasheet HTML 7Page - STMicroelectronics STL51N3LLH5 Datasheet HTML 8Page - STMicroelectronics STL51N3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
July 2011
Doc ID 022062 Rev 1
1/13
13
STL51N3LLH5
N-channel 30 V, 0.0105
Ω, 51 A, PowerFLAT™ 5x6
STripFET™ V Power MOSFET
Features
■ RDS(on) * Qg industry benchmark
■ Extremely low on-resistance RDS(on)
■ Very low switching gate charge
■ High avalanche ruggedness
■ Low gate drive power losses
Applications
■ Switching applications
Description
This device is an N-channel Power MOSFET
developed using STMicroelectronics’
STripFET™V technology. The device has been
optimized to achieve very low on-state resistance,
contributing to an FOM that is among the best in
its class.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STL51N3LLH5
30 V
< 0.0145
Ω 51 A (1)
1.
The value is rated according Rthj-pcb
PowerFLAT™ 5x6
1
2
3
4
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL51N3LLH5
51N3LLH5
PowerFLAT™ 5x6
Tape and reel
www.st.com


Similar Part No. - STL51N3LLH5

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
STL51004A SIEMENS-STL51004A Datasheet
129Kb / 4P
1300 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STL51004G SIEMENS-STL51004G Datasheet
129Kb / 4P
1300 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STL51004X SIEMENS-STL51004X Datasheet
129Kb / 4P
1300 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STL51005A SIEMENS-STL51005A Datasheet
129Kb / 4P
1300 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STL51005G SIEMENS-STL51005G Datasheet
129Kb / 4P
1300 nm Laser in Coaxial Package with SM-Pigtail, Low Power
More results

Similar Description - STL51N3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL140N4LLF5 STMICROELECTRONICS-STL140N4LLF5 Datasheet
245Kb / 10P
N-channel 40 V, 0.00275 Ω, 32 A, PowerFLAT??(5x6) STripFET™V Power MOSFET
03-Jun-2010
STL85N6F3 STMICROELECTRONICS-STL85N6F3 Datasheet
534Kb / 15P
N-channel 60 V, 0.0057 廓, 19 A PowerFLAT??5x6 STripFET??Power MOSFET
08-Jul-2011
STL160N3LLH6 STMICROELECTRONICS-STL160N3LLH6 Datasheet
781Kb / 16P
N-channel 30 V, 0.0011 廓, 35 A PowerFLAT??5x6 STripFET??VI DeepGATE??Power MOSFET
10-Nov-2011
STL65DN3LLH5 STMICROELECTRONICS-STL65DN3LLH5 Datasheet
508Kb / 12P
Dual N-channel 30 V, 0.0059 , 19 A PowerFLAT(5x6) double island, STripFET V Power MOSFET
07-Dec-2010
STL100N1VH5 STMICROELECTRONICS-STL100N1VH5 Datasheet
775Kb / 13P
N-channel 12 V, 0.0022 25 A PowerFLAT (5x6) STripFET V Power MOSFET
10-Mar-2011
STL120N2VH5 STMICROELECTRONICS-STL120N2VH5 Datasheet
655Kb / 18P
N-channel 20 V, 0.002, 28 A STripFET V Power MOSFET in PowerFLAT 5x6 package
01-Mar-2012
STL80N3LLH6 STMICROELECTRONICS-STL80N3LLH6 Datasheet
874Kb / 13P
N-channel 30 V, 0.0046, 21 A PowerFLAT 5x6 STripFET VI DeepGATE Power MOSFET
02-Dec-2011
STL56N3LLH5 STMICROELECTRONICS-STL56N3LLH5 Datasheet
910Kb / 16P
N-channel 30 V, 0.0076 typ., 15 A STripFET V Power MOSFET in a PowerFLAT 5x6 package
13-Feb-2013
STL60N3LLH5 STMICROELECTRONICS-STL60N3LLH5 Datasheet
587Kb / 12P
N-channel 30 V, 0.0063 Ω, 17 A PowerFLAT™(5x6) STripFET™ V Power MOSFET
March 2010 Rev 1
STL75N3LLZH5 STMICROELECTRONICS-STL75N3LLZH5 Datasheet
516Kb / 9P
N-channel 30 V, 0.0055 Ω, 19 A PowerFLAT™(5x6) STripFET™ V Power MOSFET
July 2010 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com