Electronic Components Datasheet Search
  English  ▼

X  

GL6962 Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # GL6962
Description  Low Voltage Universal Speech Network
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6962 Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button GL6962 Datasheet HTML 4Page - Hynix Semiconductor GL6962 Datasheet HTML 5Page - Hynix Semiconductor GL6962 Datasheet HTML 6Page - Hynix Semiconductor GL6962 Datasheet HTML 7Page - Hynix Semiconductor GL6962 Datasheet HTML 8Page - Hynix Semiconductor GL6962 Datasheet HTML 9Page - Hynix Semiconductor GL6962 Datasheet HTML 10Page - Hynix Semiconductor GL6962 Datasheet HTML 11Page - Hynix Semiconductor GL6962 Datasheet HTML 12Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
GL6962/GL6962A
8
Test Circuit
For measuring gain from MIC+ and MIC-, the MUTE input should be LOW or open-circuit.
For measuring the DTMF input, the MUTE input should be HIGH.
Inputs not being tested should be open-circuit.
Fig. 1 Test circuit for defining GL6962 voltage gain of MIC+, MIC- and DTMF inputs.
(Voltage gain is defined as GV = 20log |Vo/Vi|
4
5
7
6
C1
+ 100•F
+
10•F
C3
4.7•F
+
R5
3. 6k
¥ Ø
C8
1 nF
R1
620¥ Ø
C7
1 nF
C4
100pF
R4
100k¥ Ø
100•F
+
Iline
VO
RL
600¥ Ø
10 to
140mA
Vi
R9
20¥ Ø
C6
100pF
R7
68k¥ Ø
R6
1
10
16
2
3
14
15
8
9
13
11
12
IR
QR
RGA
MIC+
MIC-
SLPE
TGA1
TGA2
REG
AGC
Iref
VEE
DTMF
VCC
LN
GL6962A
MUTE
Vi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com