Electronic Components Datasheet Search
  English  ▼

X  

GL6962 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # GL6962
Description  Low Voltage Universal Speech Network
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6962 Datasheet(HTML) 1 Page - Hynix Semiconductor

  GL6962 Datasheet HTML 1Page - Hynix Semiconductor GL6962 Datasheet HTML 2Page - Hynix Semiconductor GL6962 Datasheet HTML 3Page - Hynix Semiconductor GL6962 Datasheet HTML 4Page - Hynix Semiconductor GL6962 Datasheet HTML 5Page - Hynix Semiconductor GL6962 Datasheet HTML 6Page - Hynix Semiconductor GL6962 Datasheet HTML 7Page - Hynix Semiconductor GL6962 Datasheet HTML 8Page - Hynix Semiconductor GL6962 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
GL6962/GL6962A
1
GL6962/GL6962A
Low Voltage Universal Speech Network
Description
The GL6962 and GL6962A are bipolar integrated
circuits that perform all speech and line interface
functions required in fully electronic telephone sets.
They perform electronic switching between dialing
and speech. The ICs operate at line voltage down
to 1.6V DC (with reduced performance) to
facilitate the use of more telephone sets connected
in parallel.
Features
Low DC line voltage: operates down to 1.6V
(excluding polarity guard)
Voltage regulator with adjustable static
resistance
Provides a supply for external circuits
Symmetrical high-impedance inputs (64k¥ Ø
) for
dynamic, magnetic or piezo-electric microphones
Asymmetrical high-impedance inputs(32k¥ Ø
)
for electric microphones
DTMF signal input with confidence tone
MUTE input for pulse or DTMF dialing
(GL6962)
MUTE
input for pulse or DTMF dialing
(GL6962A)
Receiving amplifier for dynamic, magnetic or
piezo-electric earpieces.
Large gain setting ranges on microphone and
earpiece amplifiers.
Line loss compensation (line current dependent)
for microphone and earpiece amplifiers
Gain control curve adaptable to exchange supply
DC line voltage adjustment facility
Packaged in 16 DIP/SOP.
PIN Configuration
(TOP View)
1
2
3
4
5
6
7
8
SLPE
16
15
14
13
12
11
10
9
AGC
REG
VCC
MUTE
DTMF
IR
VEE
LN
TGA1
TGA2
QR
RGA
MIC-
MIC+
Iref
GL6962
* Pin 12 is active LOW(MUTE) for GL6962A


Similar Part No. - GL6962

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GL6965 HYNIX-GL6965 Datasheet
340Kb / 23P
Telephone Speech Network with Dialer Interface
More results

Similar Description - GL6962

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6150 PANASONIC-AN6150 Datasheet
51Kb / 5P
Speech Network Circuit
logo
Rohm
BA6566 ROHM-BA6566 Datasheet
154Kb / 9P
Speech network
logo
Samsung semiconductor
KA8603 SAMSUNG-KA8603 Datasheet
67Kb / 5P
UNIVERSAL SPEECH NETWORK
S1T8603 SAMSUNG-S1T8603 Datasheet
57Kb / 6P
UNIVERSAL SPEECH NETWORK
logo
Daewoo Semiconductor
DBL5016 DAEWOO-DBL5016 Datasheet
391Kb / 7P
UNIVERSAL SPEECH NETWORK
DBL5021 DAEWOO-DBL5021 Datasheet
243Kb / 5P
UNIVERSAL SPEECH NETWORK
DBL5022 DAEWOO-DBL5022 Datasheet
298Kb / 6P
UNIVERSAL SPEECH NETWORK
logo
AUK corp
SL5021P AUK-SL5021P Datasheet
74Kb / 6P
UNIVERSAL SPEECH NETWORK
SL5022P AUK-SL5022P Datasheet
75Kb / 6P
UNIVERSAL SPEECH NETWORK
logo
Panasonic Semiconductor
AN6164 PANASONIC-AN6164 Datasheet
373Kb / 7P
Constant Voltage Drive Speech Network Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com