Electronic Components Datasheet Search
  English  ▼

X  

GL6962 Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # GL6962
Description  Low Voltage Universal Speech Network
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6962 Datasheet(HTML) 5 Page - Hynix Semiconductor

  GL6962 Datasheet HTML 1Page - Hynix Semiconductor GL6962 Datasheet HTML 2Page - Hynix Semiconductor GL6962 Datasheet HTML 3Page - Hynix Semiconductor GL6962 Datasheet HTML 4Page - Hynix Semiconductor GL6962 Datasheet HTML 5Page - Hynix Semiconductor GL6962 Datasheet HTML 6Page - Hynix Semiconductor GL6962 Datasheet HTML 7Page - Hynix Semiconductor GL6962 Datasheet HTML 8Page - Hynix Semiconductor GL6962 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
GL6962/GL6962A
5
Electrical Characteristics
Iline = 11 to 140 mA, VEE = 0V, f = 800Hz; Tamb = 25¡ É; unless otherwise specified
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Supplies LN and VCC (Pin 1 and 13)
VLN
Voltage drop over circuit
Between LN and VEE
MIC inputs open circuit
Iline = 1mA
Iline = 4mA
Iline = 15mA
Iline = 100mA
Iline = 140mA
-
-
3.55
4.9
-
1.6
1.9
4.0
5.7
-
-
-
4.25
6.5
7.5
V
V
V
V
V
VLN
Voltage drop over circuit
between LN and VEE with
external resistor RVA
Iline = 15mA
RVA(LN to REG)=68 k§ Ù
RVA(REG to SLPE)=39k§ Ù
-
-
3.5
4.5
-
-
V
V
ICC
Supply current
VCC = 2.8V
-
0.9
1.35
mA
VCC
Supply voltage available for
peripheral circuitry
GL6962
GL6962A
Iline = 15mA
MUTE = HIGH
IP = 1.2mA
IP = 0mA
MUTE
= LOW
IP = 1.2mA
IP = 0mA
2.2
-
2.2
-
2.7
3.4
2.7
3.4
-
-
-
-
V
V
V
V
Microphone inputs MIC- and MIC+ (pin 6 and 7)
| Zi |
Input inpedance
Differential
Single-ended
Between MIC- and MIC+
MIC- or MIC+ to VEE
-
-
64
34
-
-
k§ Ù
k§ Ù
CMRR
Common
mode
rejection
ratio
-
82
-
dB
GV
Voltage gain MIC+ or MIC-
to LN
Iline = 15mA
R7 = 68k§ Ù
50.5
52.0
53.5
dB
¥ Ä
Gvf
Gain
variation
with
frequency
referred
to
800Hz
f = 300 and 3400 Hz
-
¡ ¾
0.2
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com