Electronic Components Datasheet Search
  English  ▼

X  

GL6965 Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # GL6965
Description  Telephone Speech Network with Dialer Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6965 Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button GL6965 Datasheet HTML 6Page - Hynix Semiconductor GL6965 Datasheet HTML 7Page - Hynix Semiconductor GL6965 Datasheet HTML 8Page - Hynix Semiconductor GL6965 Datasheet HTML 9Page - Hynix Semiconductor GL6965 Datasheet HTML 10Page - Hynix Semiconductor GL6965 Datasheet HTML 11Page - Hynix Semiconductor GL6965 Datasheet HTML 12Page - Hynix Semiconductor GL6965 Datasheet HTML 13Page - Hynix Semiconductor GL6965 Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
GL6965
10
Test Circuit (continued)
10.
IL
I
(UP)
11.
R
G (Total)
l Total Receiving Gain,
|
V
/
V
|
log
20
=
)
Total
(
IN
OUT
R
G
(dB)
*Balancing circuit included
A
1
L
2
L
1
R
2
R
55nF
UP
L
I
A
1
L
2
L
IL
I
(UP)
IN
T
IN
R
A
1
L
2
L
1
R
L
I
1
L
2
L
2
R
V
OUT
V
1
T
2
T
IN
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com