Electronic Components Datasheet Search
  English  ▼

X  

GL6965 Datasheet(PDF) 15 Page - Hynix Semiconductor

Part # GL6965
Description  Telephone Speech Network with Dialer Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GL6965 Datasheet(HTML) 15 Page - Hynix Semiconductor

Back Button GL6965 Datasheet HTML 11Page - Hynix Semiconductor GL6965 Datasheet HTML 12Page - Hynix Semiconductor GL6965 Datasheet HTML 13Page - Hynix Semiconductor GL6965 Datasheet HTML 14Page - Hynix Semiconductor GL6965 Datasheet HTML 15Page - Hynix Semiconductor GL6965 Datasheet HTML 16Page - Hynix Semiconductor GL6965 Datasheet HTML 17Page - Hynix Semiconductor GL6965 Datasheet HTML 18Page - Hynix Semiconductor GL6965 Datasheet HTML 19Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
GL6965
15
Application
1. Transmitter
As the transmitter, ¨ çthe condenser microphone. ¨ èthe ceramic type and ¨ éthe dynamic type
(speaker type) are available. However, since ¨ çand ¨ èof FET or transistor built-in require the
bias circuit. Externally provide the bias circuit. For example, refer to the example of the application
circuit.
2. Receiver
As the receiver, ¨ ç
the ceramic type ¨ èthe low-impedance (dynamic type) are available.
(1) Ceramic type;
The receiver of equivalent capacity of about 55nF is assumed. In case of
the ceramic type, since the large voltage amplitude is generally required
at driving, make the receiver function in BTL mode.
(2) Low-impedance type; The receiver of equivalent resistance of about 150§ Ùis assumed. For the
connections, refer to the example of application circuit.
3. Example of Application circuit.
(1) EXAMPLE OF POWER SUPPLY CIRCUIT
FOR CONDENSER MICROPHONE
(2) EXAMPLE OF CONNECTION CIRCUIT OF
LOW-IMPEDANCE TYPE RECEIVER.
(3) In case of using transmit input amplifier as
non-inversion input.
(4) In case of using transmit input amplifier as in-
version input.
Note : In test circuit and application circuit, transmit
input amplifier is set at inversion input.
+
-
4.7
µF
18
510
Ω
19
R
LOW-
IMPEDANCE
TYPE RECEIVER
(150
Ω)
*Insert at oscillation
T
VCC
0.47
µF
TO MICROPHONE
INPUT
TO 13 PIN
0.47mF
6
330pF
2.2k§ Ù
_
+
TRANSMIT INPUT AMP
7
T
8
TRANSMITER
2.2k§ Ù
2.2k§ Ù1mF
TO 13 PIN
6
330pF
2.2k§ Ù
_
+
TRANSMIT INPUT AMP
7
T
8
TRANSMITER
2.2k§ Ù
2.2k§ Ù
0.47mF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com