Electronic Components Datasheet Search
  English  ▼

X  

GMS30000EVA Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # GMS30000EVA
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30000EVA Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button GMS30000EVA Datasheet HTML 12Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 13Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 14Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 15Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 16Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 17Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 18Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 19Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 105 page
background image
1 - 11
Parameter
Electrical characteristics (Ta=25¡É, VDD=3V)
Symbol
Limits
Unit
Condition
Chapter 1. Introduction
f
OSC/6
f
OSC/48
f
OSC
Input H current
RESET input L current
K, R input L current
K, R input H voltage
RESET input H voltage
RESET input L voltage
D. R output L voltage
REMOUT output L
voltage
REMOUT output H
voltage
OSC2 output L voltage
OSC2 output H voltage
D, R output leakage
current
Current on STOP mode
Operating supply current
1
Operating supply current
2
System
clock
frequency
K, R input L voltage
f
OSC
I
DD2
I
DD1
I
STOP
I
OL
V
OH3
V
OL3
V
OH1
V
OL2
V
IL2
V
IH2
V
IL1
V
IH1
I
IL1
I
IL2
I
IH
V
OL1
2.4
300
-
-
-
-
2.1
-
2.1
-
-
2.2
5
-
2.1
-9
-2
-
-
-
-
0.5
0.3
-
-
2.5
0.4
2.5
0.1
5
-
-
-
-
-25
-7.5
-
0.1
5
Min.
Typ.
Max.
4
500
1.5
1.0
1
1
-
0.9
-
0.4
0.7
5
-
0.9
-
-50
-16
1
0.4
MHz
KHz
mA
mA
uA
uA
V
V
V
V
V
V
V
V
uA
uA
uA
V
f
OSC=4MHz
f
OSC=455KHz
At STOP mode
V
0=VDD, Output
off
I
OH=70uA
I
OL=70uA
I
OH=8mA
I
OL=1mA
V
-
-
-
VI=GND, Output
off, Pull-Up resistor
provided.
VI=GND
VI=V
DD
I
OL=100uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com