Electronic Components Datasheet Search
  English  ▼

X  

GMS30000EVA Datasheet(PDF) 25 Page - Hynix Semiconductor

Part # GMS30000EVA
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30000EVA Datasheet(HTML) 25 Page - Hynix Semiconductor

Back Button GMS30000EVA Datasheet HTML 21Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 22Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 23Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 24Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 25Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 26Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 27Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 28Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 29Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 105 page
background image
2 - 8
Initial Reset Circuit
RESET pin must be down to ¡ÈL¡È more than 4 machine cycle by outside
capacitor or other for power on reset.
The mean of 1 machine cycle is below. 1 machine cycle is 6/f
OSC, however,
operating voltage must be in recommended operating conditions, and clock
oscillating stability.
* It is required to adjust C value depending on rising time of power supply.
(Example shows the case of rising time shorter than 10ms.)
1
RESET
0.1uF
Chapter 2. Architecture
Watch Dog Timer (WDT)
Watch dog timer is organized binary of 14 steps. By the selected oscillation
option, the signal of f
OSC/6 cycle comes in the first step of WDT. If this counter
was overflowed, come out reset signal automatically, internal circuit is initialized.
The overflow time is 6¡¿2 13/f
OSC (108.026ms at fOSC=455KHz.)
8¡¿6¡¿213/f
OSC (108.026ms at fOSC = 3.64MHz)
Normally, the binary counter must be reset before the overflow by using reset
instruction (WDTR) or / and REMOUT port (Y-reg=8, So instruction execution) at
masked option.
* It is constantly reset in STOP mode. When STOP is released, counting is
restarted. (Refer to 2-10 STOP function>)
Binary counter
(14 steps)
RESET (edge-trigger)
f
OSC/6 or fOSC/48
CPU reset
Reset
by instruction
REMOUT
output
Mask Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com