Electronic Components Datasheet Search
  English  ▼

X  

GMS30000EVA Datasheet(PDF) 57 Page - Hynix Semiconductor

Part # GMS30000EVA
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30000EVA Datasheet(HTML) 57 Page - Hynix Semiconductor

Back Button GMS30000EVA Datasheet HTML 53Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 54Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 55Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 56Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 57Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 58Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 59Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 60Page - Hynix Semiconductor GMS30000EVA Datasheet HTML 61Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 105 page
background image
5 - 3
2. Characteristics of Simulator
- User-friendly pop-up window menu. Select the necessary command and display
the screen in windows format so that users can know the execution results.
- Display always the register window in the right side so that programmer can check
easily the change of data memory value as program proceeds.
- Maintain the previous simulator environment if user does not make the extra
changes
when re-executing after logging out completely from the simulator
previously executed by loading the source program. In other words, the previously-
executed file is automatically loaded when the simulator is executed (GMS30K.GSP
file).
- When trace command ([F8] or > T command) is executed, the changed values are
noticed easily by displaying the highlighted changed values in register and memory
windows, if the contents of each register or data memory is changed as command
line is processed.
- When trace command ([F8] or > T command) is executed, the current execution
line is highlighted.
- Out of the simulator commands, load or save commands is executable in pop-up
windows. In-line command is executable as prompt command in the command
window.
Chapter 5. Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com