Electronic Components Datasheet Search
  English  ▼

X  

GMS81604PL Datasheet(PDF) 40 Page - Hynix Semiconductor

Part # GMS81604PL
Description  LG Semicon 8-bit Microcontrollers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81604PL Datasheet(HTML) 40 Page - Hynix Semiconductor

Back Button GMS81604PL Datasheet HTML 36Page - Hynix Semiconductor GMS81604PL Datasheet HTML 37Page - Hynix Semiconductor GMS81604PL Datasheet HTML 38Page - Hynix Semiconductor GMS81604PL Datasheet HTML 39Page - Hynix Semiconductor GMS81604PL Datasheet HTML 40Page - Hynix Semiconductor GMS81604PL Datasheet HTML 41Page - Hynix Semiconductor GMS81604PL Datasheet HTML 42Page - Hynix Semiconductor GMS81604PL Datasheet HTML 43Page - Hynix Semiconductor GMS81604PL Datasheet HTML 44Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 79 page
background image
BUZZER FUNCTION
The buzzer driver consists of 6-bit binary counter, the
buzzer register BUR and the clock selector. It gener-
ates square-wave which is very wide range frequency
(250 Hz~125 kHz at fXIN=4 MHz) by user program-
mable counter.
Pin R55 is assigned for output port of Buzzer driver by
setting the bit 5 of PMR5 (address D1H) to "1". At this
time, the pin R55 must be defined as output mode (the
bit 5 of R5DD=1)
The bit 0 to 5 of BUR determines output frequency for
buzzer driving.
Frequency calculation is following below.
fBUZ
(Hz
) =
fXIN
2
⋅ Prescaler ratio ⋅ BUR value
fBUZ: Buzzer frequency
fXIN: Min oscillator frequency
Prescaler: Prescaler divide ratio by BUCK1, BUCK0
BUR:Lower 6-bit of BUR. Buzzer period data value
The bits BUCK1, BUCK0 of BUR selects the source
clock from prescaler output.
The 6-bit buzzer counter is cleared and start the count-
ing by writing signal to the register BUR. It is incre-
ment from 00H until it matches 6-bit register BUR.
Caution:
The register BUR contains undefined value after
reset. It must be initialized none 0H (1H ~3F H ).
÷ 16
÷ 32
÷ 64
÷ 128
COUNTER
(6 BIT)
BUR[5:0]
(6 BIT)
MUX
BUR[7:6]
F/F
X IN PIN
PRESCALER
BUR REGISTER
BUZ PIN
Figure 25. Buzzer Driver
LSB
MSB
BU5
BUCK0
BU4
BU3
BU1
BU2
BU0
BUCK1
BUR
ADDRESS: ECH
RESET VALUE: Undefined
Buzzer Source Clock Selection
00: fXIN
÷ 16
01: fXIN
÷ 32
10: fXIN
÷ 64
11: fXIN
÷ 128
Buzzer Period Data
Figure 26. BUR: Buzzer Period Data Register
LSB
MSB
BUZS
-
-
-
-
-
-
-
PMR5
ADDRESS: D1H
RESET VALUE: --0-----
R55/ BUZ Port Selection
0: R55
1: BUZ
Figure 27. PMR5: Port 5 Mode Register
GMS81604/08
LG Semicon
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com