Electronic Components Datasheet Search
  English  ▼

X  

GMS81604PL Datasheet(PDF) 65 Page - Hynix Semiconductor

Part # GMS81604PL
Description  LG Semicon 8-bit Microcontrollers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81604PL Datasheet(HTML) 65 Page - Hynix Semiconductor

Back Button GMS81604PL Datasheet HTML 61Page - Hynix Semiconductor GMS81604PL Datasheet HTML 62Page - Hynix Semiconductor GMS81604PL Datasheet HTML 63Page - Hynix Semiconductor GMS81604PL Datasheet HTML 64Page - Hynix Semiconductor GMS81604PL Datasheet HTML 65Page - Hynix Semiconductor GMS81604PL Datasheet HTML 66Page - Hynix Semiconductor GMS81604PL Datasheet HTML 67Page - Hynix Semiconductor GMS81604PL Datasheet HTML 68Page - Hynix Semiconductor GMS81604PL Datasheet HTML 69Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 79 page
background image
AC READING CHARACTERISTICS
(VSS=0 V, TA = 25°C ± 5°C)
Symbol
Item
Min
Typ
Max
Unit
Test condition
tAS
Address setup time
2
us
tOE
Data output delay time
200
ns
tDH
Data hold time
0
ns
NOTES:
1. VDD must be applied simultaneously or before VPP and removed simultaneously or after VPP.
AC PROGRAMMING CHARACTERISTICS
(VSS=0 V, TA = 25°C ± 5°C; See DC Characteristics Table for VDD and VPP voltages.)
Symbol
Item
Min
Typ
Max
Unit
Condition*
(Note 1)
tAS
Address set-up time
2
us
tOES
OE set-up time
2
us
tDS
Data setup time
2
us
tAH
Address hold time
0
us
tDH
Data hold time
1
us
tDFP
Output disable delay time
0
us
tVPS
VPP setup time
2
us
tVDS
VDD setup time
2
us
tPW
Program pulse width
0.95
1.0
1.05
ms
tOPW
CE pulse width when over
programming
2.85
78.75
ms
(Note 2)
tOE
Data output delay time
200
ns
*AC CONDITIONS OF TEST
Input Rise and Fall Times (10% to 90%) . . . . 20 ns
Input Pulse Levels . . . . . . . . . . . . . . . 0.45V to 4.55V
Input Timing Reference Level
. . . . . . . . . 1.0V to 4.0V
Output Timing Reference Level
. . . . . . . . 1.0V to 4.0V
NOTES:
1. VDD must be applied simultaneously or before VPP and removed simultaneously or after VPP.
2. The length of the overprogram pulse may vary from 2.85 msec to 78.75 msec as a function of the iteration counter value X
(Intelligent Programming Algorithm).Refer to flow chart of page 13.
LG Semicon
GMS81608T PROGRAMMING SPECIFICATION
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com