Electronic Components Datasheet Search
  English  ▼

X  

GMS81604PL Datasheet(PDF) 49 Page - Hynix Semiconductor

Part # GMS81604PL
Description  LG Semicon 8-bit Microcontrollers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81604PL Datasheet(HTML) 49 Page - Hynix Semiconductor

Back Button GMS81604PL Datasheet HTML 45Page - Hynix Semiconductor GMS81604PL Datasheet HTML 46Page - Hynix Semiconductor GMS81604PL Datasheet HTML 47Page - Hynix Semiconductor GMS81604PL Datasheet HTML 48Page - Hynix Semiconductor GMS81604PL Datasheet HTML 49Page - Hynix Semiconductor GMS81604PL Datasheet HTML 50Page - Hynix Semiconductor GMS81604PL Datasheet HTML 51Page - Hynix Semiconductor GMS81604PL Datasheet HTML 52Page - Hynix Semiconductor GMS81604PL Datasheet HTML 53Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 79 page
background image
POWER FAIL PROCESSOR
The GMS81604/08 have on-chip power fail detection
circuitry to immunize against power noise. A configu-
ration register, PFDR, can enable (if clear/pro-
grammed) or disable (if set) the Power-fail Detect
circuitry. If VDD falls below 3.0~4.0V range for longer
than 100 ns, the Power fail situation may reset MCU
according to PFR bit of PFDR.
Caution:
Power fail processor function is not available on
3V operation, because this function will detect
power fail all the time.
As below PFDR register is not implemented on the
in-circuit emulator, user can not experiment with it.
Therefore, after final development of user program,
this function may be experimented.
R/W
MSB
-
-
-
-
PFR
PFD
PFS
-
PFDR
ADDRESS: EDH
RESET VALUE: -----100
Power Fail Status
0: Normal operate
1: This bit force to "1" when Power fail was
detected.
Reserved
Operation Mode
0: Normal operation regardless of power fail.
1: MCU will be reset during power fail.
Disable flag
0: Power fail detection enable
1: Power fail detection disable
R/W
R/W
LSB
Figure 41. PFDR: Power Fail Detector Register
RESET VECTOR
NO
PFS = 1 ?
RAM CLEAR
INITIALIZE RAM DATA
YES
FUNCTION
EXECUTION
INITIALIZE ALL PORTS
INITIALIZE REGISTERS
Skip the initial routine.
PFS = 0
Figure 42. Example S/W of Reset flow by Power Fail
LG Semicon
GMS81604/08
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com