Electronic Components Datasheet Search
  English  ▼

X  

GMS90C320 Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # GMS90C320
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C320 Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button GMS90C320 Datasheet HTML 12Page - Hynix Semiconductor GMS90C320 Datasheet HTML 13Page - Hynix Semiconductor GMS90C320 Datasheet HTML 14Page - Hynix Semiconductor GMS90C320 Datasheet HTML 15Page - Hynix Semiconductor GMS90C320 Datasheet HTML 16Page - Hynix Semiconductor GMS90C320 Datasheet HTML 17Page - Hynix Semiconductor GMS90C320 Datasheet HTML 18Page - Hynix Semiconductor GMS90C320 Datasheet HTML 19Page - Hynix Semiconductor GMS90C320 Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
GMS90C320
12
OCT. 2000 Ver 1.2
Table 2
Special Function Registers - Functional Blocks
Block
Symbol
Name
Address
Content
after Reset
CPU
ACC
B
DPH
DPL
PSW
SP
Accumulator
B-Register
Data Pointer, High Byte
Data Pointer, Low Byte
Program Status Word Register
Stack Pointer
E0H1)
F0H1)
83H
82H
D0H1)
81H
1)
Bit-addressable Special Function Registers
00H
00H
00H
00H
00H
07H
Interrupt System
IE
IP
Interrupt Enable Register
Interrupt Priority Register
A8H1)
B8H1)
0X000000B2)
XX000000B2)
2)
This special function register is listed repeatedly since some bits of it also belong to other functional blocks
Ports
P0
P1
P2
P3
Port 0
Port 1
Port 2
Port 3
80H1)
90H1)
A0H1)
B0H1)
FFH
FFH
FFH
FFH
Serial Channels
PCON
SBUF
SCON
Power Control Register
Serial Channel Buffer Register
Serial Channel 0 Control Register
87H
99H
98H1)
0XXX0000B2)
XXH3)
00H
3)
X means that the value is indeterminate and the location is reserved
Timer 0 / Timer 1
TCON
TH0
TH1
TL0
TL1
TMOD
Timer 0/1 Control Register
Timer 0, High Byte
Timer 1, High Byte
Timer 0, Low Byte
Timer 1, Low Byte
Timer Mode Register
88H1)
8CH
8DH
8AH
8BH
89H
00H
00H
00H
00H
00H
00H
Timer 2
T2CON
T2MOD
RC2H
RC2L
TH2
TL2
Timer 2 Control Register
Timer 2 Mode Register
Timer 2 Reload Capture Register, High Byte
Timer 2 Reload Capture Register, Low Byte
Timer 2, High Byte
Timer 2, Low Byte
C8H1)
C9H
CBH
CAH
CDH
CCH
00H
XXXXXXX0B2)
00H
00H
00H
00H
Power Saving
Modes
PCON
Power Control Register
87H
0XXX0000B2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com