Electronic Components Datasheet Search
  English  ▼

X  

GMS90C320 Datasheet(PDF) 35 Page - Hynix Semiconductor

Part # GMS90C320
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C320 Datasheet(HTML) 35 Page - Hynix Semiconductor

Back Button GMS90C320 Datasheet HTML 31Page - Hynix Semiconductor GMS90C320 Datasheet HTML 32Page - Hynix Semiconductor GMS90C320 Datasheet HTML 33Page - Hynix Semiconductor GMS90C320 Datasheet HTML 34Page - Hynix Semiconductor GMS90C320 Datasheet HTML 35Page - Hynix Semiconductor GMS90C320 Datasheet HTML 36Page - Hynix Semiconductor GMS90C320 Datasheet HTML 37Page - Hynix Semiconductor GMS90C320 Datasheet HTML 38Page - Hynix Semiconductor GMS90C320 Datasheet HTML 39Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
GMS90C320
OCT. 2000 Ver 1.2
31
AC Characteristics for 24MHz
External Data Memory Characteristics
Advance Information (24MHz)
External Clock Drive
Parameter
Symbol
24 MHz Oscillator
Variable Oscillator
1/tCLCL =3.5 to 24MHz
Unit
Min.
Max.
Min.
Max.
RD pulse width
tRLRH
180
-
6tCLCL-70
-
ns
WR pulse width
tWLWH
180
-
6tCLCL-70
-
ns
Address hold after ALE
tLLAX2
56
-
2tCLCL-27
-
ns
RD to valid data in
tRLDV
-118
-
5tCLCL-90
ns
Data hold after RD
tRHDX
0-
0
-
ns
Data float after RD
tRHDZ
-63
-
2tCLCL-20
ns
ALE to valid data in
tLLDV
-200
-
8tCLCL-133
ns
Address to valid data in
tAVDV
-220
-
9tCLCL-155
ns
ALE to WR or RD
tLLW L
75
175
3tCLCL-50
3tCLCL+50
ns
Address valid to WR or RD
tAVW L
67
-
4tCLCL-97
-
ns
WR or RD high to ALE high
tWHLH
17
67
tCLCL-25
tCLCL+25
ns
Data valid to WR transition
tQVW X
5-
tCLCL-37
-
ns
Data setup before WR
tQVW H
170
-
7tCLCL-122
-
ns
Data hold after WR
tWHQX
15
-
tCLCL-27
-
ns
Address float after RD
tRLAZ
-0
-
0
ns
Table 11.
Parameter
Symbol
Variable Oscillator
(Freq. = 3.5 to 24MHz)
Unit
Min.
Max.
Oscillator period
tCLCL
41.7
285.7
ns
High time
tCHCX
12
tCLCL -tCLCX
ns
Low time
tCLCX
12
tCLCL -tCHCX
ns
Rise time
tCLCH
-12
ns
Fall time
tCHCL
-12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com