Electronic Components Datasheet Search
  English  ▼

X  

GMS90C320 Datasheet(PDF) 36 Page - Hynix Semiconductor

Part # GMS90C320
Description  HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90C320 Datasheet(HTML) 36 Page - Hynix Semiconductor

Back Button GMS90C320 Datasheet HTML 32Page - Hynix Semiconductor GMS90C320 Datasheet HTML 33Page - Hynix Semiconductor GMS90C320 Datasheet HTML 34Page - Hynix Semiconductor GMS90C320 Datasheet HTML 35Page - Hynix Semiconductor GMS90C320 Datasheet HTML 36Page - Hynix Semiconductor GMS90C320 Datasheet HTML 37Page - Hynix Semiconductor GMS90C320 Datasheet HTML 38Page - Hynix Semiconductor GMS90C320 Datasheet HTML 39Page - Hynix Semiconductor GMS90C320 Datasheet HTML 40Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
GMS90C320
32
OCT. 2000 Ver 1.2
AC Characteristics for 40MHz version
VCC =5V+10%, − 15%; VSS=0V; TA =0°Cto 70°C
(CL for port 0. ALE and PSEN outputs = 100pF; CL for all other outputs = 80pF)
External Program Memory Characteristics
Parameter
Symbol
40 MHz Oscillator
Variable Oscillator
1/tCLCL =3.5 to 40MHz
Unit
Min.
Max.
Min.
Max.
ALE pulse width
tLHLL
35
-
2tCLCL−15
-
ns
Address setup to ALE
tAVLL
10
-
tCLCL−15
-
ns
Address hold after ALE
tLLAX
10
-
tCLCL−15
-
ns
ALE low to valid instruction in
tLLIV
-55
-
4tCLCL−45
ns
ALE to PSEN
tLLPL
10
-
tCLCL−15
-
ns
PSEN pulse width
tPLPH
60
-
3tCLCL−15
-
ns
PSEN to valid instruction in
tPLIV
-25
-
3tCLCL−50
ns
Input instruction hold after PSEN
tPXIX
0-
0
-
ns
Input instruction float after PSEN
tPXIZ1)
1)
Interfacing the GMS90C320 to devices with float times up to 20 ns is permissible. This limited bus contention will not cause any damage
to port 0 Drivers.
-15
-
tCLCL−10
ns
Address valid after PSEN
tPXAV1)
20
-
tCLCL−5-
ns
Address to valid instruction in
tAVIV
-65
-
5tCLCL−60
ns
Address float to PSEN
tAZPL
-5
-
-5
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com