Electronic Components Datasheet Search
  English  ▼

X  

HDM8515 Datasheet(PDF) 61 Page - Hynix Semiconductor

Part # HDM8515
Description  DVB/DSS Compliant Receiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8515 Datasheet(HTML) 61 Page - Hynix Semiconductor

Back Button HDM8515 Datasheet HTML 57Page - Hynix Semiconductor HDM8515 Datasheet HTML 58Page - Hynix Semiconductor HDM8515 Datasheet HTML 59Page - Hynix Semiconductor HDM8515 Datasheet HTML 60Page - Hynix Semiconductor HDM8515 Datasheet HTML 61Page - Hynix Semiconductor HDM8515 Datasheet HTML 62Page - Hynix Semiconductor HDM8515 Datasheet HTML 63Page - Hynix Semiconductor HDM8515 Datasheet HTML 64Page - Hynix Semiconductor HDM8515 Datasheet HTML 65Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 75 page
background image
61
6.2 Read Registers
ADDRESS (Hex)
00
Narrowband AGC Accumulator
The current value of the 8 bit AGC accumulator may be read from this
location.
01, 02, 03
Symbol Timing Frequency Accumulator
The current value of the 24 bit frequency accumulator in the symbol timing
loop filter may be read from these 3 locations.
04, 05, 06
Phase Tracking Frequency Accumulator
The current value of the 24 bit frequency accumulator in the carrier phase
loop filter may be read from these 3 locations.
07
QPSK Lock Status
Bit 0. QPSK Lock Flag
When this bit is set to one, the QPSK demodulator is phase locked.
08
Wide Band AGC Accumulator
This eight bit value represents the most significant bits of the accumulator
in the first order wideband AGC loop. This data only has meaning when
the wideband AGC is in Mode 0.
09, 0A
Sweep Frequency
The 16 bit sweep accumulator is available at this location. Bit 7 of address
09 is the MSB and bit 0 of address 0A is the LSB. The receiver frequency
is determined by adding the Sweep Frequency with the carrier frequency
accumulator (read addresses 04, 05 and 06) and the nominal carrier start
frequency (write addresses 04, 05 and 06).
0B
In-Phase
The six LSB bit output of the In-phase baseband filter is available at this
location. This data is updated once per symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com