Electronic Components Datasheet Search
  English  ▼

X  

HDM8515 Datasheet(PDF) 70 Page - Hynix Semiconductor

Part # HDM8515
Description  DVB/DSS Compliant Receiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8515 Datasheet(HTML) 70 Page - Hynix Semiconductor

Back Button HDM8515 Datasheet HTML 66Page - Hynix Semiconductor HDM8515 Datasheet HTML 67Page - Hynix Semiconductor HDM8515 Datasheet HTML 68Page - Hynix Semiconductor HDM8515 Datasheet HTML 69Page - Hynix Semiconductor HDM8515 Datasheet HTML 70Page - Hynix Semiconductor HDM8515 Datasheet HTML 71Page - Hynix Semiconductor HDM8515 Datasheet HTML 72Page - Hynix Semiconductor HDM8515 Datasheet HTML 73Page - Hynix Semiconductor HDM8515 Datasheet HTML 74Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 75 page
background image
70
A2. False Lock Escape Application Note
A QPSK signal will have inherent false lock states at frequency offsets of + or - n/4 of the symbol
rate. Mos t DBS signals which have symbol rates of 20M symbols-per-second or higher will not
experience false lock because the carrier frequency uncertainty is less than 1/4 of the symbol rate.
The HDM8515 is designed to process low data rate signals which may experience false lock,
particularly at high signal-to-noise ratio conditions. The HDM8515 will permit recovery from false
lock with some added host processor interaction. Specifically, the processor must initialize the
internal carrier frequency search hardware to search over a carrier frequency range of 1/4 of the
symbol rate. If QPSK lock is achieved, but no Viterbi lock is achieved, the processor would
assume this is a false carrier lock, then program the HDM8515 to search another carrier frequency
range covering 1/4 of the symbol rate. When both QPSK lock and Viterbi lock have been achieved,
the search is completed. This technique is reliable because the HDM8515 utilizes a fixed
frequency clock which is not subject to inaccuracy associated with analog VCOs.
This
accuracy insures that the multiple search ranges are perfectly continuous with respect to each
other with no overlap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com