Electronic Components Datasheet Search
  English  ▼

X  

HMS81020TL Datasheet(PDF) 52 Page - Hynix Semiconductor

Part # HMS81020TL
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81020TL Datasheet(HTML) 52 Page - Hynix Semiconductor

Back Button HMS81020TL Datasheet HTML 48Page - Hynix Semiconductor HMS81020TL Datasheet HTML 49Page - Hynix Semiconductor HMS81020TL Datasheet HTML 50Page - Hynix Semiconductor HMS81020TL Datasheet HTML 51Page - Hynix Semiconductor HMS81020TL Datasheet HTML 52Page - Hynix Semiconductor HMS81020TL Datasheet HTML 53Page - Hynix Semiconductor HMS81020TL Datasheet HTML 54Page - Hynix Semiconductor HMS81020TL Datasheet HTML 55Page - Hynix Semiconductor HMS81020TL Datasheet HTML 56Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
HMS81004E/08E/16E/24E/32E
JUNE 2001 Ver 1.00
49
14.3 Interrupt accept mode
The interrupt priority order is determined by bit (IM1,
IM0) of IMOD register. The condition allow for accepting
interrupt is set state of the interrupt mask enable flag and
the interrupt enable bit must be “1”. In Reset state, these
IP3 - IP0 registers become all “0”.
.
Figure 14-2 Interrupt Enable & Request Flag
0: Disable
1: Enable
VALUE
R/W
INITIAL VALUE: 000- 000-B
ADDRESS: 0CEH
IENH
INT1E
MSB
LSB
T0E
T1E
INT2E
R/W
External interrupt 1
INITIAL VALUE: -00- ----B
ADDRESS: 0CCH
IENL
MSB
LSB
Timer1
R/W
R/W
R/W
R/W
Basic Interval Timer
Watchdog timer
External interrupt 2
Key scan
WDTE
R/W
R/W
--
-
-
-
BITE
-
--
KSCNE
T2E
Timer2
Timer0
R/W
INITIAL VALUE: 000- 000-B
ADDRESS: 0CFH
IRQH
INT1R
MSB
LSB
T0R
T1R
INT2R
R/W
External interrupt 1
INITIAL VALUE: -00- ----B
ADDRESS: 0CDH
IRQL
MSB
LSB
Timer1
R/W
R/W
R/W
R/W
Basic Interval Timer
Watchdog timer
External interrupt 2
Key scan
WDTR
R/W
R/W
--
-
-
-
BITR
-
--
KSCNR
T2R
Timer2
Timer0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com