Electronic Components Datasheet Search
  English  ▼

X  

AV9108 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # AV9108
Description  CPU Frequency Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9108 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  AV9108 Datasheet HTML 1Page - Integrated Circuit Systems AV9108 Datasheet HTML 2Page - Integrated Circuit Systems AV9108 Datasheet HTML 3Page - Integrated Circuit Systems AV9108 Datasheet HTML 4Page - Integrated Circuit Systems AV9108 Datasheet HTML 5Page - Integrated Circuit Systems AV9108 Datasheet HTML 6Page - Integrated Circuit Systems AV9108 Datasheet HTML 7Page - Integrated Circuit Systems AV9108 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pin Configuration
Pin Descriptions for AV9108-03, AV9108-05 and AV9108-10
PIN NUMBER
PIN
NAME
TYPE
DESCRIPTION
-05/-10/-13
-03
1
14
FS0
Input
Frequency Select 0 for CLK1 (-03 has pull-up).
5
1
FS1
Input
Frequency Select 1 for CLK1 (-03 has pull-up).
2
FS2
Input
Frequency Select 2 for CLK1 (-03 has pull-up).
3
FS3
Input
Frequency Select 3 for CLK1 (-03 has pull-up).
4
AGND
-
Analog GROUND.
2
5
GMD
-
Digital GROUND.
6
PD
Input
POWER-DOWN. Shuts off chip when low. Internal pull-up.
3
7
X1/ICLK
Input
CRYSTAL OUTPUT or INPUT CLOCK frequency. Typically 14.318 MHz
system clock.
4
8
X2
Output
CRYSTAL OUTPUT (No Connect when clock used.).
9
OE(REFCLK)
Input
OUTPUT ENABLE. Tristates REFCLK when low. Pull-up.
10
OE(CLK1)
Input
OUTPUT ENABLE. Tristates CLK1 when low. Pull-up.
6
11
CLK1
Output
CLOCK1 Output (see decoding tables).
7
12
VDD
-
Digital power supply (+3V DC).
8
13
REFCLK
Output
REFERENCE CLOCK output. Produces a buffered version of the input clock or
crystal frequency (typically 14.318 MHz).
FS0
1
8
REFCLK
GND
2
7
VDD
X1/ICLK
3
6
CLK1
X2
4
5
FS1
AV9108-05/-10
8-Pin DIP, SOIC
FS1
1
14
FS0
FS2
2
13
REFCLK
FS3
3
12
VDD
AGND
4
11
CLK1
GND
5
10
OE (CLK1)
PD
6
9
OE (REFCLK)
X1/ICLK
7
8
X2
AV9108-03/-11
14-Pin DIP, SOIC
AV9108
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com