Electronic Components Datasheet Search
  English  ▼

X  

AV9108 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # AV9108
Description  CPU Frequency Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9108 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  AV9108 Datasheet HTML 1Page - Integrated Circuit Systems AV9108 Datasheet HTML 2Page - Integrated Circuit Systems AV9108 Datasheet HTML 3Page - Integrated Circuit Systems AV9108 Datasheet HTML 4Page - Integrated Circuit Systems AV9108 Datasheet HTML 5Page - Integrated Circuit Systems AV9108 Datasheet HTML 6Page - Integrated Circuit Systems AV9108 Datasheet HTML 7Page - Integrated Circuit Systems AV9108 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Absolute Maximum Ratings
AVDD, VDD referenced to GND . . . . . . . . . . . . . . . 7V
Operating temperature under bias. . . . . . . . . . . . . . . . 0
°C to +70°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -65
°C to +150°C
Voltage on I/O pins referenced to GND. . . . . . . . . . . GND -0.5V to VDD +0.5V
Power dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5 Watts
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
Electrical Characteristics at 5V
(Operating VDD = +4.5V to +5.5V; TA =0
°C to 70°C unless otherwise stated)
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
-
-
0.8
V
Input High Voltage
VIH
2.0
-
-
V
Input Low Current
IIL
VIN=0V
-
6.0
16
µA
Input High Current
IIH
VIN=VDD
-2.0
-
2.0
µA
Output Low Voltage
VOL
IOL=10mA
-
0.15
0.40
V
Output High Voltage, Note 1
VOH
IOH=-30mA
2.4
3.25
-
V
Output Low Current, Note 1
IOL
VOL=0.8V
22.0
35.0
-
mA
Output High Current, Note 1
IOH
VOH=2.0V
-
-50.0
-35.0
mA
Supply Current
ICC
Unload, 50 MHz
-
18.0
42.0
mA
Supply Current
ICC
(PD low)
Unload, Logic Inputs 000
-
38.0
100.0
µA
Supply Current
ICC
(PD low)
Unload, Logic Inputs 111
-
14.0
40.0
µA
Pull-up Resistor, Note 1
Rpu
-
380.0
700.0
k ohms
AC Characteristics
Rise Time 0.8 to 2.0V, Note 1
Tr
15pf load
-
0.60
1.40
ns
Fall Time 2.0 to 0.8V, Note 1
Tf
15pf load
-
0.40
1.00
ns
Rise Time 20% to 80%, Note 1
Tr
15pf load
-
2.0
3.5
ns
Fall Time 80% to 20%, Note 1
Tf
15pf load
-
1.0
2.5
ns
Duty Cycle, Note 1
Dt
15pf load @ 1.4V
45.0
50.0
55.0
%
Jitter, One Sigma, Note 1
Tjis
From 20 to 100 MHz
-
50.0
150.0
ps
Jitter, One Sigma, Note 1
Tjis
From 14 to 16 MHz
100.0
200.0
ps
Jitter, One Sigma, Note 1
Tjis
From 14 to Below
0.2
1.0
%
Jitter, Absolute, Note 1
Tjab
From 20 to 100 MHz
-250.0
250.0
ps
Jitter, Absolute, Note 1
Tjab
From 14 to 16 MHz
-500.0
500.0
ps
Jitter, Absolute, Note 1
Tjab
From 14 to Below
1.0
3.0
%
Input Frequency, Note 1
Fi
11.0
14.3
19.0
MHz
Output Frequency
Fo
2.0
-
120.0
MHz
Power-up Time, Note 1
Tpu
-
7.58
18.0
ms
Transition Time, Note 1
Tft
8 to 66.6 MHz
-
6.0
13.0
ms
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
AV9108
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com