Electronic Components Datasheet Search
  English  ▼

X  

AV9108 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # AV9108
Description  CPU Frequency Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9108 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  AV9108 Datasheet HTML 1Page - Integrated Circuit Systems AV9108 Datasheet HTML 2Page - Integrated Circuit Systems AV9108 Datasheet HTML 3Page - Integrated Circuit Systems AV9108 Datasheet HTML 4Page - Integrated Circuit Systems AV9108 Datasheet HTML 5Page - Integrated Circuit Systems AV9108 Datasheet HTML 6Page - Integrated Circuit Systems AV9108 Datasheet HTML 7Page - Integrated Circuit Systems AV9108 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Frequency Accuracy and Calculation
The accuracy of the frequencies produced by the ICS9108
depends on the input frequency and the desired actual output
frequency. The formula for calculating the exact frequency is
as follows:
A
Output Frequency = Input Frequency
×
B
where A=2, 3, 4 ... 128, and
B=2, 3, 4 ... 32.
For example, to calculate the actual output frequency for a
video monitor expecting a 44.900 MHz clock and using a
14.318 MHz input clock, the closest A/B ratio is 69/22, which
gives an output of 44.906 MHz (within 0.02% of the target
frequency). Generally, the ICS9108 can produce frequencies
within 0.1% of the desired output.
Allowable Input and Output Frequencies
The input frequency should be between 2 and 32 MHz and the
A/B ratio should not exceed 24. The output should fall in the
range of 2-120 MHz.
Output Enable
The Output Enable feature tristates the specified output clock
pins. This places the selected output pins in a high impedance
state to allow for system level diagnostic testing.
Power-Down
If equipped, the power-down shuts off the specified PLL or
entire chip to save current. A few milliseconds are required to
reach full functioning speed from a power-down state.
Frequency Transitions
A key ICS9108 feature is the ability to provide glitch-free frequency transitions across its output frequency range. The ICS9108
provides smooth transitions between any of the two groups of eight frequencies (when FS3=0 or FS3=1), so that the device will
switch glitch-free between 4-100 MHz and 2-50 MHz.
AV9108
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com