Electronic Components Datasheet Search
  English  ▼

X  

AV9172 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # AV9172
Description  Low Skew Output Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9172 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  AV9172 Datasheet HTML 1Page - Integrated Circuit Systems AV9172 Datasheet HTML 2Page - Integrated Circuit Systems AV9172 Datasheet HTML 3Page - Integrated Circuit Systems AV9172 Datasheet HTML 4Page - Integrated Circuit Systems AV9172 Datasheet HTML 5Page - Integrated Circuit Systems AV9172 Datasheet HTML 6Page - Integrated Circuit Systems AV9172 Datasheet HTML 7Page - Integrated Circuit Systems AV9172 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
AV9172
Pin Configuration
Pin Description for AV9172-01
16-Pin SOIC or 16-Pin PDIP
Functionality Table for AV9172-01
CLKIN input frequency range 10 to 50 MHz.
Notes:
1. 1X designates that the output is a replica of CLKIN.
2. 2X designates that the output is twice the frequency of
CLKIN, and in phase.
3. 1X# means that the output is at the same frequency and
180°C out of phase (inverted) from CLKIN.
4. Ø1 will produce a ¼ duty cycle clock of CLKIN.
5. Ø2 will produce a ¼ duty cycle clock delayed 180° from
CLKIN.
EN2
INV#
Q0
Q1
Q2
Q3
Q4
Q5
0
0
1X
1X#
2X
2X
2X
2X
0
1
1X
1X
2X
2X
2X
2X
1
0
1X
1X#
2X
2X
∅1
∅2
1
1
1X
1X
2X
2X
∅1
∅2
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1
GND
-
GROUND.
2
GND
-
GROUND.
3
INV#
Input
INV# Inverts Q1 when low. (-01 [divisor select -03, -07])
4
EN
Input
EN converts Q4 and Q5 to phase clocks when high.
5
FBIN
Input
FEEDBACK INPUT from output Q0.
6
CLKIN
Input
INPUT for reference clock.
7
VDD
-
Power supply (+5V).
8
VDD
-
Power supply (+5V).
9
GND
-
GROUND.
10
Q0
Output
Q0 phase and frequency same as input (1X). Feed back to pin 5.
11
Q1
Output
Q1 is a 1x clock in phase or 180° out of phase with input.
12
Q2
Output
Q2 twice the frequency of Q0 (2x).
13
Q3
Output
Q3 twice the frequency of Q0 (2x).
14
Q4
Output
Q4 is either a 2X clock or a two-phase clock - see configuration table.
15
Q5
Output
Q5 is either a 2X clock or a two-phase clock - see configuration table.
16
VDD
-
Power supply (+5V).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com