Electronic Components Datasheet Search
  English  ▼

X  

AV9172 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # AV9172
Description  Low Skew Output Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9172 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  AV9172 Datasheet HTML 1Page - Integrated Circuit Systems AV9172 Datasheet HTML 2Page - Integrated Circuit Systems AV9172 Datasheet HTML 3Page - Integrated Circuit Systems AV9172 Datasheet HTML 4Page - Integrated Circuit Systems AV9172 Datasheet HTML 5Page - Integrated Circuit Systems AV9172 Datasheet HTML 6Page - Integrated Circuit Systems AV9172 Datasheet HTML 7Page - Integrated Circuit Systems AV9172 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
AV9172
Block Diagram
AV9172RevB060297P
The AV9172 is designed to generate low skew clocks for
clock distribution in high-performance PCs and workstations.
It uses phase-locked loop technology to align the phase and
frequency of the output clocks with an input reference clock.
Because the input to output skew is guaranteed to ±500ps, the
part acts as a “zero delay” buffer.
The AV9172 has six configurable outputs. The AV9172-01
version has one output that runs at the same phase and
frequency as the reference clock. A second output runs at the
same frequency as the reference, but can either be in phase or
180° out of phase from the input clock. Two outputs are
provided that are at twice the reference frequency and in
phase with the reference clock. The final outputs can be
programmed to be replicas of the 2x clocks or non-overlapping
two phase clocks at twice the reference frequency. The
AV9172-01 and AV9172-03 operates with input clocks
from 10 MHz to 50 MHz while producing outputs from
10 MHz to 100 MHz. The AV9172-07 operates with input
clocks from 20 to 100 MHz.
The use of a phase-locked loop (PLL) allows the output
clocks to run at multiples of the input clock. This permits
routing of a lower speed clock and local generation of a
required high speed clock. Synchronization of the phase
relationship between the input clock and the output clocks is
accomplished when one output clock is connected to the
input pin FBIN. The PLL circuitry matches rising edges of the
input clock and output clocks.
•
AV9172-07 input is 66 MHz with 66 and 33 MHz
output buffers
•
AV9172-01 is pin compatible with Gazelle GA1210E
•
±250ps skew (max) between outputs
•
±500ps skew (max) between input and outputs
•
Input frequency range from 10 MHz to 50 MHz
(-01, -03) and from 20 MHz to 100 MHz (-07)
•
Output frequency range from 10 MHz to 100 MHz
(-01, -03, -07)
•
Special mode for two-phase clock generation
•
Inputs and outputs are fully TTL-compatible
•
CMOS process results in low power supply current
•
High drive, 25mA outputs
•
Low cost
•
16-pin SOIC (150-mil) or 16-pin PDIP package
Low Skew Output Buffer
The AV9172 is fabricated using CMOS technology which
results in much lower power consumption and cost compared
with the gallium arsenide-based GA1210E. The typical
operating current for the AV9172 is 50mA versus 120mA for
the GA1210E.
ICS offers several versions of the AV9172. The different
devices are shown below:
PART
DESCRIPTION
AV9172-01
Second source of GA1210E
AV9172-03
Clock doubler and buffer
AV9172-07
Clock buffer for 66 MHz input
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all
device data to verify that any information being relied upon by the customer is current
and accurate.


Similar Part No. - AV9172

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
AV9172 IDT-AV9172 Datasheet
401Kb / 8P
Low Skew Output Buffer
More results

Similar Description - AV9172

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-06 ICST-ICS9112-06 Datasheet
210Kb / 8P
Low Skew Output Buffer
Rev H 1/22/99
logo
PhaseLink Corporation
PLL102-03 PLL-PLL102-03 Datasheet
206Kb / 6P
Low Skew Output Buffer
PLL102-04 PLL-PLL102-04 Datasheet
236Kb / 6P
Low Skew Output Buffer
PLL102-05 PLL-PLL102-05 Datasheet
222Kb / 6P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0204 ABRACON-ABB0204 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
ABB0205 ABRACON-ABB0205 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
logo
Integrated Circuit Syst...
ICS9112A-16 ICST-ICS9112A-16 Datasheet
97Kb / 8P
Low Skew Output Buffer
logo
Integrated Device Techn...
AV9172 IDT-AV9172 Datasheet
401Kb / 8P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0210 ABRACON-ABB0210 Datasheet
57Kb / 6P
Low Skew Output Buffer
logo
Renesas Technology Corp
ICS9176C-03 RENESAS-ICS9176C-03 Datasheet
544Kb / 9P
Low Skew Output Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com