Electronic Components Datasheet Search
  English  ▼

X  

AV9172 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # AV9172
Description  Low Skew Output Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9172 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  AV9172 Datasheet HTML 1Page - Integrated Circuit Systems AV9172 Datasheet HTML 2Page - Integrated Circuit Systems AV9172 Datasheet HTML 3Page - Integrated Circuit Systems AV9172 Datasheet HTML 4Page - Integrated Circuit Systems AV9172 Datasheet HTML 5Page - Integrated Circuit Systems AV9172 Datasheet HTML 6Page - Integrated Circuit Systems AV9172 Datasheet HTML 7Page - Integrated Circuit Systems AV9172 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
AV9172
Absolute Maximum Ratings
VDD referenced to GND . . . . . . . . . . . . . . . . . . . . . . 7V
Operating temperature under bias. . . . . . . . . . . . . . . . 0°C to +70°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Voltage on I/O pins referenced to GND. . . . . . . . . . . GND -0.5V to VDD +0.5V
Power dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5 Watts
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
Pin Configuration
Functionality Table for AV9172-07
CLKIN Input Frequency=X, input range is 20 to 100 MHz.
Example Table for AV9172-07
(66 MHz input, all frequencies in MHz.)
16-Pin SOIC or 16-Pin PDIP
Timing Diagram for AV9172-07
EN2
INV#
Q0
Q1
Q2
Q3
Q4
Q5
0
0
1X
1X
1X
1X
1X
1X
1
0
1X
1X
1X
1X
1X
0.5X
0
1
1X
1X
1X
0.5X
0.5X
1X
1
1
1X
1X
1X
0.5X
0.5X
0.5X
EN2
INV#
Q0
Q1
Q2
Q3
Q4
Q5
0
0
66
66
66
66
66
66
1
0
66
66
66
66
66
33
0
1
66
66
66
33
33
66
1
1
66
66
66
33
33
33



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com