Electronic Components Datasheet Search
  English  ▼

X  

ICS1892 Datasheet(PDF) 18 Page - Integrated Circuit Systems

Part # ICS1892
Description  10Base-T/100Base-TX Integrated PHYceiver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1892 Datasheet(HTML) 18 Page - Integrated Circuit Systems

Back Button ICS1892 Datasheet HTML 14Page - Integrated Circuit Systems ICS1892 Datasheet HTML 15Page - Integrated Circuit Systems ICS1892 Datasheet HTML 16Page - Integrated Circuit Systems ICS1892 Datasheet HTML 17Page - Integrated Circuit Systems ICS1892 Datasheet HTML 18Page - Integrated Circuit Systems ICS1892 Datasheet HTML 19Page - Integrated Circuit Systems ICS1892 Datasheet HTML 20Page - Integrated Circuit Systems ICS1892 Datasheet HTML 21Page - Integrated Circuit Systems ICS1892 Datasheet HTML 22Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 148 page
background image
ICS1892, Rev. D, 2/26/01
February 26, 2001
18
Chapter 5
Operating Modes Overview
ICS1892 Data Sheet
© 2000-2001, Integrated Circuit Systems, Inc.
All rights reserved.
5.1
Reset Operations
This section first discusses reset operations in general and then specific ways in which the ICS1892 can be
configured for various reset options.
5.1.1
General Reset Operations
The following reset operations apply to all the specific ways in which the ICS1892 can be reset, which are
discussed in Section 5.1.2, “Specific Reset Operations”.
5.1.1.1
Entering Reset
When the ICS1892 enters a reset condition (either through hardware, power-on reset, or software), it does
the following:
1.
Isolates the MAC/Repeater Interface input pins
2.
Drives all MAC/Repeater Interface output pins low
3.
Tri-states the signals on its Twisted-Pair Transmit pins (TP_TXP and TP_TXN)
4.
Initializes all its internal modules and state machines to their default states
5.
Enters the power-down state
6.
Initializes all internal latching low (LL), latching high (LH), and latching maximum (LMX) Management
Register bits to their default values
5.1.1.2
Exiting Reset
When the ICS1892 exits a reset condition, it does the following:
1.
Exits the power-down state
2.
Latches the Serial Management Port Address of the ICS1892 into the Extended Control Register, bits
16.10:6. [See Section 8.11.3, “PHY Address (bits 16.10:6)”.]
3.
Enables all its internal modules and state machines
4.
Sets all Management Register bits to either (1) their default values or (2) the values specified by their
associated ICS1892 input pins, as determined by the HW/SW pin
5.
Enables the Twisted-Pair Transmit pins (TP_TXP and TP_TXN)
6.
Resynchronizes both its Transmit and Receive Phase-Locked Loops, which provide its transmit clock
(TXCLK) and receive clock (RXCLK)
7.
Releases all MAC/Repeater Interface pins, which takes a maximum of 640 ns after the reset condition
is removed
5.1.1.3
Hot Insertion
As with the ICS 1890, the ICS1892 reset design supports ‘hot insertion’ of its MII. (That is, the ICS1892 can
connect its MAC/Repeater Interface to a MAC/repeater while power is already applied to the
MAC/repeater.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com