Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 83 Page - ATMEL Corporation

Part # AT90USB646
Description  USB boot loader programmed by default in the factory
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 83 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 79Page - ATMEL Corporation AT90USB646 Datasheet HTML 80Page - ATMEL Corporation AT90USB646 Datasheet HTML 81Page - ATMEL Corporation AT90USB646 Datasheet HTML 82Page - ATMEL Corporation AT90USB646 Datasheet HTML 83Page - ATMEL Corporation AT90USB646 Datasheet HTML 84Page - ATMEL Corporation AT90USB646 Datasheet HTML 85Page - ATMEL Corporation AT90USB646 Datasheet HTML 86Page - ATMEL Corporation AT90USB646 Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 456 page
background image
83
7593L–AVR–09/12
AT90USB64/128
11.3.5
Alternate Functions of Port D
The Port D pins with alternate functions are shown in Table 11-12.
The alternate pin configuration is as follows:
• T0 – Port D, bit 7
T0, Timer/Counter0 counter source.
• T1 – Port D, bit 6
T1, Timer/Counter1 counter source.
• XCK1 – Port D, bit 5
XCK1, USART1 External clock. The Data Direction Register (DDD5) controls whether the clock
is output (DDD5 set) or input (DDD5 cleared). The XCK1 pin is active only when the USART1
operates in Synchronous mode.
Table 11-11. Overriding signals for alternate functions in PC3..PC0.
Signal
name
PC3/A11/T.3
PC2/A10
PC1/A9
PC0/A8
PUOE
SRE • (XMM<5)
SRE • (XMM<6)
SRE • (XMM<7)
SRE • (XMM<7)
PUOV
0
0
0
0
DDOE
SRE • (XMM<5)
SRE • (XMM<6)
SRE • (XMM<7)
SRE • (XMM<7)
DDOV
1
1
1
1
PVOE
SRE • (XMM<5)
SRE • (XMM<6)
SRE • (XMM<7)
SRE • (XMM<7)
PVOV
A11
A10
A9
A8
DIEOE
0
0
0
0
DIEOV
0
0
0
0
DI
T3 input
–
–
–
AIO
–
–
–
–
Table 11-12. Port D pins alternate functions.
Port pin
Alternate function
PD7
T0 (Timer/Counter0 Clock Input)
PD6
T1 (Timer/Counter1 Clock Input)
PD5
XCK1 (USART1 External Clock Input/Output)
PD4
ICP1 (Timer/Counter1 Input Capture Trigger)
PD3
INT3/TXD1 (External Interrupt3 Input or USART1 Transmit Pin)
PD2
INT2/RXD1 (External Interrupt2 Input or USART1 Receive Pin)
PD1
INT1/SDA/OC2B (External Interrupt1 Input or TWI Serial DAta or Output Compare for
Timer/Counter2)
PD0
INT0/SCL/OC0B (External Interrupt0 Input or TWI Serial CLock or Output Compare for
Timer/Counter0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com