Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT90USB646
Description  USB boot loader programmed by default in the factory
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT90USB646 Datasheet HTML 1Page - ATMEL Corporation AT90USB646 Datasheet HTML 2Page - ATMEL Corporation AT90USB646 Datasheet HTML 3Page - ATMEL Corporation AT90USB646 Datasheet HTML 4Page - ATMEL Corporation AT90USB646 Datasheet HTML 5Page - ATMEL Corporation AT90USB646 Datasheet HTML 6Page - ATMEL Corporation AT90USB646 Datasheet HTML 7Page - ATMEL Corporation AT90USB646 Datasheet HTML 8Page - ATMEL Corporation AT90USB646 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 456 page
background image
Features
• High performance, low power AVR® 8-bit Microcontroller
• Advanced RISC architecture
– 135 powerful instructions – most single clock cycle execution
– 32 × 8 general purpose working registers
– Fully static operation
– Up to 16MIPS throughput at 16MHz
– On-chip 2-cycle multiplier
• Non-volatile program and data memories
– 64/128Kbytes of in-system self-programmable flash
• Endurance: 100,000 write/erase cycles
– Optional Boot Code section with independent lock bits
• USB boot loader programmed by default in the factory
• In-system programming by on-chip boot program hardware activated after
reset
• True read-while-write operation
• All supplied parts are pre-programed with a default USB bootloader
– 2K/4K (64K/128K flash version) bytes EEPROM
• Endurance: 100,000 write/erase cycles
– 4K/8K (64K/128K flash version) bytes internal SRAM
– Up to 64Kbytes optional external memory space
– Programming lock for software security
• JTAG (IEEE std. 1149.1 compliant) interface
– Boundary-scan capabilities according to the JTAG standard
– Extensive on-chip debug support
– Programming of flash, EEPROM, fuses, and lock bits through the JTAG interface
• USB 2.0 full-speed/low-speed device and on-the-go module
– Complies fully with:
– Universal serial bus specification REV 2.0
– On-the-go supplement to the USB 2.0 specification rev 1.0
– Supports data transfer rates up to 12Mbit/s and 1.5Mbit/s
• USB full-speed/low speed device module with interrupt on transfer completion
– Endpoint 0 for control transfers: up to 64-bytes
– Six programmable endpoints with in or out directions and with bulk, interrupt or
isochronous transfers
– Configurable endpoints size up to 256bytes in double bank mode
– Fully independent 832bytes USB DPRAM for endpoint memory allocation
– Suspend/resume interrupts
– Power-on reset and USB bus reset
– 48MHz PLL for full-speed bus operation
– USB bus disconnection on microcontroller request
• USB OTG reduced host:
– Supports host negotiation protocol (HNP) and session request protocol (SRP) for
OTG dual-role devices
– Provide status and control signals for software implementation of HNP and SRP
– Provides programmable times required for HNP and SRP
• Peripheral features
– Two 8-bit timer/counters with separate prescaler and compare mode
– Two16-bit timer/counter with separate prescaler, compare- and capture mode
8-bit Atmel
Microcontroller
with
64/128Kbytes
of ISP Flash
and USB
Controller
AT90USB646
AT90USB647
AT90USB1286
AT90USB1287
7593L–AVR–09/12


Similar Part No. - AT90USB646

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90USB646 ATMEL-AT90USB646 Datasheet
3Mb / 434P
Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646 ATMEL-AT90USB646 Datasheet
3Mb / 435P
8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646 ATMEL-AT90USB646 Datasheet
1Mb / 30P
8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646 ATMEL-AT90USB646 Datasheet
4Mb / 459P
8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646 ATMEL-AT90USB646 Datasheet
11Mb / 456P
8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
More results

Similar Description - AT90USB646

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XOP90 EUROQUARTZ-XOP90 Datasheet
82Kb / 1P
FACTORY PROGRAMMED OSCILLATORS
XOPL53 EUROQUARTZ-XOPL53 Datasheet
74Kb / 1P
FACTORY PROGRAMMED OSCILLATORS
XOPL81 EUROQUARTZ-XOPL81 Datasheet
59Kb / 1P
FACTORY PROGRAMMED OSCILLATORS
XOPL91 EUROQUARTZ-XOPL91 Datasheet
78Kb / 1P
FACTORY PROGRAMMED OSCILLATORS
logo
ATMEL Corporation
AT24CS01 ATMEL-AT24CS01_14 Datasheet
839Kb / 23P
Factory Programmed 128-bit Serial Number
AT24CS02 ATMEL-AT24CS02_14 Datasheet
839Kb / 23P
Factory Programmed 128-bit Serial Number
AT24CS04 ATMEL-AT24CS04_14 Datasheet
881Kb / 24P
Factory Programmed 128-bit Serial Number
AT24CS08 ATMEL-AT24CS08_14 Datasheet
881Kb / 24P
Factory Programmed 128-bit Serial Number
AT24CS16 ATMEL-AT24CS16_14 Datasheet
868Kb / 22P
Factory Programmed 128-bit Serial Number
logo
Zilog, Inc.
EZ80F917050SBCG ZILOG-EZ80F917050SBCG Datasheet
1Mb / 30P
Factory-default operating clock frequency at 50 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com