Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT90USB646
Description  USB boot loader programmed by default in the factory
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 16Page - ATMEL Corporation AT90USB646 Datasheet HTML 17Page - ATMEL Corporation AT90USB646 Datasheet HTML 18Page - ATMEL Corporation AT90USB646 Datasheet HTML 19Page - ATMEL Corporation AT90USB646 Datasheet HTML 20Page - ATMEL Corporation AT90USB646 Datasheet HTML 21Page - ATMEL Corporation AT90USB646 Datasheet HTML 22Page - ATMEL Corporation AT90USB646 Datasheet HTML 23Page - ATMEL Corporation AT90USB646 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 456 page
background image
20
7593L–AVR–09/12
AT90USB64/128
6.
Atmel AVR AT90USB64/128 memories
This section describes the different memories in the AT90USB64/128. The AVR architecture has
two main memory spaces, the Data Memory and the Program Memory space. In addition, the
AT90USB64/128 features an EEPROM Memory for data storage. All three memory spaces are
linear and regular.
Notes:
1. Byte address.
2. Word (16-bit) address.
6.1
In-system re-programmable flash program memory
The AT90USB64/128 contains 128Kbytes On-chip In-System Re-programmable Flash memory
for program storage. Since all AVR instructions are 16 or 32 bits wide, the Flash is organized as
64K × 16. For software security, the Flash Program memory space is divided into two sections,
Boot Program section and Application Program section.
The Flash memory has an endurance of at least 100,000 write/erase cycles. The
AT90USB64/128 Program Counter (PC) is 16 bits wide, thus addressing the 128K program
memory locations. The operation of Boot Program section and associated Boot Lock bits for
Table 6-1.
Memory mapping.
Memory
Mnemonic
AT90USB64
AT90USB128
Flash
Size
Flash size
64Kbytes
128K bytes
Start address
-
0x00000
End address
Flash end
0x0FFFF (1)
0x7FFF (2)
0x1FFFF (1)
0xFFFF (2)
32 registers
Size
-
32bytes
Start address
-
0x0000
End address
-
0x001F
I/O registers
Size
-
64 bytes
Start address
-
0x0020
End address
-
0x005F
Ext I/O
registers
Size
-
160bytes
Start address
-
0x0060
End address
-
0x00FF
Internal
SRAM
Size
ISRAM size
4Kbytes
8Kbytes
Start address
ISRAM start
0x0100
End address
ISRAM end
0x10FF
0x20FF
External
Memory
Size
XMem size
0-64Kbytes
Start address
XMem start
0x1100
0x2100
End address
XMem end
0xFFFF
EEPROM
Size
E2 size
2Kbytes
4Kbytes
Start address
-
0x0000
End address
E2 end
0x07FF
0x0FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com