Electronic Components Datasheet Search
  English  ▼

X  

AT90USB647 Datasheet(PDF) 69 Page - ATMEL Corporation

Part # AT90USB647
Description  135 powerful instructions ??most single clock cycle execution
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB647 Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button AT90USB647 Datasheet HTML 65Page - ATMEL Corporation AT90USB647 Datasheet HTML 66Page - ATMEL Corporation AT90USB647 Datasheet HTML 67Page - ATMEL Corporation AT90USB647 Datasheet HTML 68Page - ATMEL Corporation AT90USB647 Datasheet HTML 69Page - ATMEL Corporation AT90USB647 Datasheet HTML 70Page - ATMEL Corporation AT90USB647 Datasheet HTML 71Page - ATMEL Corporation AT90USB647 Datasheet HTML 72Page - ATMEL Corporation AT90USB647 Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 456 page
background image
69
7593L–AVR–09/12
AT90USB64/128
Notes:
1. When the BOOTRST Fuse is programmed, the device will jump to the Boot Loader address at
reset, see “Memory programming” on page 359.
2. When the IVSEL bit in MCUCR is set, Interrupt Vectors will be moved to the start of the Boot
Flash Section. The address of each Interrupt Vector will then be the address in this table
added to the start address of the Boot Flash Section.
Table 10-2 shows reset and Interrupt Vectors placement for the various combinations of
BOOTRST and IVSEL settings. If the program never enables an interrupt source, the Interrupt
Vectors are not used, and regular program code can be placed at these locations. This is also
the case if the Reset Vector is in the Application section while the Interrupt Vectors are in the
Boot section or vice versa.
Note:
1. The Boot Reset Address is shown in Table 29-8 on page 357. For the BOOTRST Fuse “1”
means unprogrammed while “0” means programmed.
10.1.1
Moving interrupts between application and boot space
The General Interrupt Control Register controls the placement of the Interrupt Vector table.
10.1.2
MCUCR – MCU Control Register
• Bit 1 – IVSEL: Interrupt Vector Select
When the IVSEL bit is cleared (zero), the Interrupt Vectors are placed at the start of the Flash
memory. When this bit is set (one), the Interrupt Vectors are moved to the beginning of the Boot
30
$003A
ADC
ADC Conversion Complete
31
$003C
EE READY
EEPROM Ready
32
$003E
TIMER3 CAPT
Timer/Counter3 Capture Event
33
$0040
TIMER3 COMPA
Timer/Counter3 Compare Match A
34
$0042
TIMER3 COMPB
Timer/Counter3 Compare Match B
35
$0044
TIMER3 COMPC
Timer/Counter3 Compare Match C
36
$0046
TIMER3 OVF
Timer/Counter3 Overflow
37
$0048
TWI
2-wire Serial Interface
38
$004A
SPM READY
Store Program Memory Ready
Table 10-2.
Reset and interrupt vectors placement
(1).
BOOTRST
IVSEL
Reset address
Interrupt vectors start address
1
0
0x0000
0x0002
1
1
0x0000
Boot Reset Address + 0x0002
0
0
Boot Reset Address
0x0002
0
1
Boot Reset Address
Boot Reset Address + 0x0002
Table 10-1.
Reset and interrupt vectors. (Continued)
Vector
no.
Program
address (2)
Source
Interrupt definition
Bit
7
65
43
21
0
JTD
–
–
PUD
–
–
IVSEL
IVCE
MCUCR
Read/write
R/W
R
RR/W
RR
R/W
R/W
Initial value
00
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com