Electronic Components Datasheet Search
  English  ▼

X  

AT90USB647 Datasheet(PDF) 86 Page - ATMEL Corporation

Part # AT90USB647
Description  135 powerful instructions ??most single clock cycle execution
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB647 Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button AT90USB647 Datasheet HTML 82Page - ATMEL Corporation AT90USB647 Datasheet HTML 83Page - ATMEL Corporation AT90USB647 Datasheet HTML 84Page - ATMEL Corporation AT90USB647 Datasheet HTML 85Page - ATMEL Corporation AT90USB647 Datasheet HTML 86Page - ATMEL Corporation AT90USB647 Datasheet HTML 87Page - ATMEL Corporation AT90USB647 Datasheet HTML 88Page - ATMEL Corporation AT90USB647 Datasheet HTML 89Page - ATMEL Corporation AT90USB647 Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 456 page
background image
86
7593L–AVR–09/12
AT90USB64/128
11.3.6
Alternate functions of Port E
The Port E pins with alternate functions are shown in Table 11-15.
• INT7/AIN.1/UVCON – Port E, bit 7
INT7, External Interrupt source 7: The PE7 pin can serve as an external interrupt source.
AIN1 – Analog Comparator Negative input. This pin is directly connected to the negative input of
the Analog Comparator.
UVCON - When using USB host mode, this pin allows to control an external VBUS generator
(active high).
• INT6/AIN.0 – Port E, bit 6
INT6, External Interrupt source 6: The PE6 pin can serve as an external interrupt source.
AIN0 – Analog Comparator Negative input. This pin is directly connected to the negative input of
the Analog Comparator.
• INT5/TOSC2 – Port E, bit 5
INT5, External Interrupt source 5: The PE5 pin can serve as an External Interrupt source.
TOSC2, Timer/Counter2 Oscillator pin1. When the AS2 bit in ASSR is set to enable asynchro-
nous clocking of Timer/Counter2, pin PE5 is disconnected from the port, and becomes the ouput
of the inverting Oscillator amplifier. In this mode, a crystal is connected to this pin, and the pin
can not be used as an I/O pin.
• INT4/TOSC1 – Port E, bit 4
INT4, External Interrupt source 4: The PE4 pin can serve as an External Interrupt source.
TOSC1, Timer/Counter2 Oscillator pin2. When the AS2 bit in ASSR is set to enable asynchro-
nous clocking of Timer/Counter2, pin PE4 is disconnected from the port, and becomes the input
of the inverting Oscillator amplifier. In this mode, a crystal is connected to this pin, and the pin
can not be used as an I/O pin.
• UID – Port E, bit 3
ID pin of the USB bus.
Table 11-15. Port E pins alternate functions.
Port pin
Alternate function
PE7
INT7/AIN.1/UVCON (External Interrupt 7 Input, Analog Comparator Positive Input
or VBUS Control)
PE6
INT6/AIN.0 (External Interrupt 6 Input or Analog Comparator Positive Input)
PE5
INT5/TOSC2 (External Interrupt 5 Input or RTC Oscillator Timer/Counter2))
PE4
INT4/TOSC2 (External Interrupt4 Input or RTC Oscillator Timer/Counter2)
PE3
UID
PE2
ALE/HWB (Address latch to extenal memory or Hardware bootloader activation)
PE1
RD (Read strobe to external memory)
PE0
WR (Write strobe to external memory)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com