Electronic Components Datasheet Search
  English  ▼

X  

AT90USB647 Datasheet(PDF) 89 Page - ATMEL Corporation

Part # AT90USB647
Description  135 powerful instructions ??most single clock cycle execution
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB647 Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button AT90USB647 Datasheet HTML 85Page - ATMEL Corporation AT90USB647 Datasheet HTML 86Page - ATMEL Corporation AT90USB647 Datasheet HTML 87Page - ATMEL Corporation AT90USB647 Datasheet HTML 88Page - ATMEL Corporation AT90USB647 Datasheet HTML 89Page - ATMEL Corporation AT90USB647 Datasheet HTML 90Page - ATMEL Corporation AT90USB647 Datasheet HTML 91Page - ATMEL Corporation AT90USB647 Datasheet HTML 92Page - ATMEL Corporation AT90USB647 Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 456 page
background image
89
7593L–AVR–09/12
AT90USB64/128
11.4
Register description for I/O-ports
11.4.1
PORTA – Port A Data Register
Table 11-19. Overriding signals for alternate functions in PF7..PF4.
Signal name
PF7/ADC7/TDI
PF6/ADC6/TDO
PF5/ADC5/TMS
PF4/ADC4/TCK
PUOE
JTAGEN
JTAGEN
JTAGEN
JTAGEN
PUOV
1
0
1
1
DDOE
JTAGEN
JTAGEN
JTAGEN
JTAGEN
DDOV
0
SHIFT_IR +
SHIFT_DR
00
PVOE
0
JTAGEN
0
0
PVOV
0
TDO
0
0
DIEOE
JTAGEN
JTAGEN
JTAGEN
JTAGEN
DIEOV
0
0
0
0
DI
–
–
–
–
AIO
TDI/ADC7 INPUT
ADC6 INPUT
TMS/ADC5 INPUT
TCK/ADC4 INPUT
Table 11-20. Overriding signals for alternate functions in PF3..PF0.
Signal name
PF3/ADC3
PF2/ADC2
PF1/ADC1
PF0/ADC0
PUOE
0
0
0
0
PUOV
0
0
0
0
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
0
0
0
0
PVOV
0
0
0
0
DIEOE
0
0
0
0
DIEOV
0
0
0
0
DI
–
–
–
–
AIO
ADC3 INPUT
ADC2 INPUT
ADC1 INPUT
ADC0 INPUT
Bit
7
65
43
2
1
0
PORTA7
PORTA6
PORTA5
PORTA4
PORTA3
PORTA2
PORTA1
PORTA0
PORTA
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com