Electronic Components Datasheet Search
  English  ▼

X  

ICS1893 Datasheet(PDF) 133 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 133 Page - Integrated Circuit Systems

Back Button ICS1893 Datasheet HTML 129Page - Integrated Circuit Systems ICS1893 Datasheet HTML 130Page - Integrated Circuit Systems ICS1893 Datasheet HTML 131Page - Integrated Circuit Systems ICS1893 Datasheet HTML 132Page - Integrated Circuit Systems ICS1893 Datasheet HTML 133Page - Integrated Circuit Systems ICS1893 Datasheet HTML 134Page - Integrated Circuit Systems ICS1893 Datasheet HTML 135Page - Integrated Circuit Systems ICS1893 Datasheet HTML 136Page - Integrated Circuit Systems ICS1893 Datasheet HTML 137Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 152 page
background image
Chapter 10
DC and AC Operating Conditions
ICS1893 Rev C 6/6/00
June, 2000
133
ICS1893 - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
10.5.7
MII Management Interface Timing
Table 10-14 lists the significant time periods for the MII Management Interface timing (which consists of
timings of signals on the MDC and MDIO pins). Figure 10-8 shows the timing diagram for the time periods.
† The ICS1893 is tested at 25 MHz (a 40-ns period) with a 50-pF load. Designs must account for all board loading of
MDC.
Figure 10-8.
MII Management Interface Timing Diagram
Table 10-14.
MII Management Interface Timing
Time
Period
Parameter
Conditions
Min.
Typ.
Max.
Units
t1
MDC Minimum High Time
160
ns
t2
MDC Minimum Low Time
160
ns
t3
MDC Period
400†
ns
t4
MDC Rise Time to MDIO Valid
0
300
ns
t5
MDIO Setup Time to MDC
10
ns
t6
MDIO Hold Time after MDC
10
ns
MDC
MDIO
(Output)
MDC
MDIO
(Input)
t1
t2
t3
t4
t5
t6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com