Electronic Components Datasheet Search
  English  ▼

X  

AT697F Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT697F
Description  SPARC V8 High Performance Low-power 32-bit Architecture
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 1 Page - ATMEL Corporation

  AT697F_14 Datasheet HTML 1Page - ATMEL Corporation AT697F_14 Datasheet HTML 2Page - ATMEL Corporation AT697F_14 Datasheet HTML 3Page - ATMEL Corporation AT697F_14 Datasheet HTML 4Page - ATMEL Corporation AT697F_14 Datasheet HTML 5Page - ATMEL Corporation AT697F_14 Datasheet HTML 6Page - ATMEL Corporation AT697F_14 Datasheet HTML 7Page - ATMEL Corporation AT697F_14 Datasheet HTML 8Page - ATMEL Corporation AT697F_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 176 page
background image
Rev. 7703E–AERO–08/11
Rad-Hard 32 bit
SPARC V8
Processor
AT697F
Features
• SPARC V8 High Performance Low-power 32-bit Architecture
– 8 Register Windows
• Advanced Architecture:
– On-chip Amba Bus
– 5 Stage Pipeline
– 32 KB 4-way associative Instruction Cache
– 16 KB 2-way associative Data Cache
• On-chip Peripherals:
– Memory Interface
PROM Controller
SRAM Controller
SDRAM Controller
–Timers
Two 32-bit Timers
Watchdog 32-bit Timer
– Two 8-bit UARTs
– Interrupt Controller with 8 External Programmable Inputs
– 32 Parallel I/O Interface
– 33MHz PCI Interface Compliant with 2.2 PCI Specification
• Integrated 32/64-bit IEEE 754 Floating-point Unit
• Fault Tolerance by Design
– Full Triple Modular Redundancy (TMR)
– EDAC Protection
– Parity Protection
• Debug and Test Facilities
– Debug Support Unit (DSU) for Trace and Debug
– IEEE 1149.1 JTAG Interface
– Four Hardware Watchpoints
• 8 and 32-bit boot-PROM Interface Possibilities with EDAC
• Operating range
–Voltages
3.3V ± 0.30V for I/O
1.8V ± 0.15V for Core
– Temperature
-55°C to 125°C
• Clock: 0 MHz up to 100 MHz
• Power consumption: 1 W at 100 MHz
• Performance:
– 86 MIPS (Dhrystone 2.1)
– 23 MFLOPS (Whetstone)
• Radiation Performance
– Tested up to a total dose of 300 krad (Si) according to the MIL-STD883 method
1019
– SEU error rate better than 1 E-5 error/device/day
– No Single Event Latchup below a LET threshold of 70 MeV.cm2/mg
• MCGA-349 (9g) and MQFP-256 packages
• Development Kit Including
– AT697 Evaluation Board
–AT697F Sample


Similar Part No. - AT697F_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT697F-2H-E ATMEL-AT697F-2H-E Datasheet
4Mb / 155P
Rad-Hard 32 bit SPARC V8 Processor
AT697F-KG-E ATMEL-AT697F-KG-E Datasheet
4Mb / 155P
Rad-Hard 32 bit SPARC V8 Processor
More results

Similar Description - AT697F_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_06 Datasheet
77Kb / 7P
Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_09 Datasheet
3Mb / 154P
Rad-Hard 32 bit SPARC V8 Processor
AT697F ATMEL-AT697F Datasheet
4Mb / 155P
Rad-Hard 32 bit SPARC V8 Processor
AT91M42800A ATMEL-AT91M42800A_14 Datasheet
423Kb / 27P
High-performance 32-bit RISC Architecture
AT91M55800A ATMEL-AT91M55800A_14 Datasheet
505Kb / 256P
High-performance 32-bit RISC Architecture
AT91SAM7XC512 ATMEL-AT91SAM7XC512_14 Datasheet
764Kb / 47P
High-performance 32-bit RISC Architecture
SAM7SE512 ATMEL-SAM7SE512_14 Datasheet
818Kb / 47P
High-performance 32-bit RISC Architecture
AT697E ATMEL-AT697E_14 Datasheet
7Mb / 7P
SPARC V8 High Performance Low-power 32-bit Architecture
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
Rad-Hard 32-bit SPARC v8 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com