Electronic Components Datasheet Search
  English  ▼

X  

AT697F Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT697F
Description  SPARC V8 High Performance Low-power 32-bit Architecture
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 4 Page - ATMEL Corporation

  AT697F_14 Datasheet HTML 1Page - ATMEL Corporation AT697F_14 Datasheet HTML 2Page - ATMEL Corporation AT697F_14 Datasheet HTML 3Page - ATMEL Corporation AT697F_14 Datasheet HTML 4Page - ATMEL Corporation AT697F_14 Datasheet HTML 5Page - ATMEL Corporation AT697F_14 Datasheet HTML 6Page - ATMEL Corporation AT697F_14 Datasheet HTML 7Page - ATMEL Corporation AT697F_14 Datasheet HTML 8Page - ATMEL Corporation AT697F_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 176 page
background image
4
AT697F
7703E–AERO–08/11
This active low output is asserted when the watchdog timer has expired and remains
asserted until the watchdog timer is reloaded with a non-null value.
BEXC* - Bus exception (input)
This active low input is sampled simultaneously with the data during an access to the
external memory. If asserted, a memory error is generated.
Clock Interface
CLK - Reference clock (input)
This input provides a reference to generate the internal clock used by the processor and
the internal peripherals.
BYPASS - PLL bypass (input with pull-down)
This active high input is used to bypass the internal PLL. When asserted, the processor
is directly clocked from the external reference clock. When de-asserted, the processor
receives its clock from the internal PLL.
Caution: This signal shall be kept static and free from glitches while the processor is operating, as
it is not sampled internally. Changing the signal shall only be performed while the proces-
sor is under reset otherwise the processor's behavior is not predictable.
LOCK - PLL lock (output)
When asserted, this active high output indicates the PLL is locked at a frequency corre-
sponding to four times the frequency of the external reference clock. Caution: this
signal is de-asserted as soon as the PLL unlocks.
SKEW[1:0] - Clock tree skew (input with pull-down)
These input signals are used to programme the skew on the internal triplicated clock
trees.
Caution: These signals shall be kept static and free from glitches while the processor is operating,
as they are not sampled internally. Changing these signals shall only be performed while
the processor is under reset otherwise the processor's behavior is not predictable.
Memory Interface
A[27:0] - Address bus (output)
The lower 28 bits of the 32 bit address bus carry instruction or data addresses during a
fetch or a load/store operation to the external memory. The address of the last external
memory access remains on the address bus whenever the current access can be made
out of the internal cache.
D[31:0] - Data bus (bi-directional)
The 32-bit bi-directional data bus serves as the interface between the processor and the
external memory. The data bus is only driven by the processor during the execution of
integer & floating-point store instructions and the store cycle of atomic-load-store
instructions. It is kept in high impedance otherwise. However:
•only D[31:24] are used during an access to an 8-bit area
•
D[15:0] are used as part of the general-purpose I/O interface whenever all the
memory areas (ROM, SRAM & I/O) are 8-bit wide and the SDRAM interface is not
enabled
CB[7:0] - Check bits (bi-directional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com