Electronic Components Datasheet Search
  English  ▼

X  

AT697F Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT697F
Description  SPARC V8 High Performance Low-power 32-bit Architecture
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 3 Page - ATMEL Corporation

  AT697F_14 Datasheet HTML 1Page - ATMEL Corporation AT697F_14 Datasheet HTML 2Page - ATMEL Corporation AT697F_14 Datasheet HTML 3Page - ATMEL Corporation AT697F_14 Datasheet HTML 4Page - ATMEL Corporation AT697F_14 Datasheet HTML 5Page - ATMEL Corporation AT697F_14 Datasheet HTML 6Page - ATMEL Corporation AT697F_14 Datasheet HTML 7Page - ATMEL Corporation AT697F_14 Datasheet HTML 8Page - ATMEL Corporation AT697F_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 176 page
background image
3
AT697F
7703E–AERO–08/11
Refer to section “Differences between AT697F and AT697E” for detailed description of
the differences between AT697F and AT697E.
Figure 1. AT697 Block Diagram
AT697
SRAM
Flash
Interrupt
Controller
interrupt
FPU
AMBA
bridge
AMBA
Controller
Watchdog
Memory
Controller
PCI
RS232
JTAG
DSU
Timers
Clock
Generator
Reset
D-Cache
I -Cache
PCI/AMBA
bridge
AHB
APB
Integer Unit
(SPARC V8)
SDRAM
BRDY*
READ
WRITE*
A[27:0]
D[31:0]
...
PIO
config
IOs
RxD
TxD
RxD
TxD
RESET*
CLK
WDOG*
...
BYPASS
...
TDI
TDO
...
Pin Description
A signal name ending with a ‘*’ (e.g OE*) designates an active-low signal.
A bit field in a register are represented in a "dot" notation: MCFG2.ramwws is read as the
ramwws field in register MCFG2.
System Interface
RESET* - Processor reset (input)
When asserted, this asynchronous active low input immediately halts and resets the
processor and all on-chip peripherals. The processor restarts execution after the 5th ris-
ing edge of the clock after RESET* was de-asserted.
ERROR* - Processor error (open-drain output with pull-up)
This active low output is asserted when the processor is halted in error mode.
WDOG* - Watchdog timeout (open-drain output with pull-up)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com