Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48P Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATMEGA48P
Description  High Endurance Non-volatile Memory Segments
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48P Datasheet(HTML) 1 Page - ATMEL Corporation

  ATMEGA48P Datasheet HTML 1Page - ATMEL Corporation ATMEGA48P Datasheet HTML 2Page - ATMEL Corporation ATMEGA48P Datasheet HTML 3Page - ATMEL Corporation ATMEGA48P Datasheet HTML 4Page - ATMEL Corporation ATMEGA48P Datasheet HTML 5Page - ATMEL Corporation ATMEGA48P Datasheet HTML 6Page - ATMEL Corporation ATMEGA48P Datasheet HTML 7Page - ATMEL Corporation ATMEGA48P Datasheet HTML 8Page - ATMEL Corporation ATMEGA48P Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 420 page
background image
Features
• High Performance, Low Power Atmel® AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
– 131 Powerful Instructions – Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 20 MIPS Throughput at 20 MHz
– On-chip 2-cycle Multiplier
• High Endurance Non-volatile Memory Segments
– 4/8/16KBytes of In-System Self-Programmable Flash progam memory
– 256/512/512Bytes EEPROM
– 512/1K/1KBytes Internal SRAM
– Write/Erase Cycles: 10,000 Flash/100,000 EEPROM
– Data retention: 20 years at 85°C/100 years at 25°C(1)
– Optional Boot Code Section with Independent Lock Bits
In-System Programming by On-chip Boot Program
True Read-While-Write Operation
– Programming Lock for Software Security
• QTouch® library support
– Capacitive touch buttons, sliders and wheels
– QTouch and QMatrix acquisition
– Up to 64 sense channels
• Peripheral Features
– Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode
– One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture
Mode
– Real Time Counter with Separate Oscillator
– Six PWM Channels
– 8-channel 10-bit ADC in TQFP and QFN/MLF package
Temperature Measurement
– 6-channel 10-bit ADC in PDIP Package
Temperature Measurement
– Programmable Serial USART
– Master/Slave SPI Serial Interface
– Byte-oriented 2-wire Serial Interface (Philips I2C compatible)
– Programmable Watchdog Timer with Separate On-chip Oscillator
– On-chip Analog Comparator
– Interrupt and Wake-up on Pin Change
• Special Microcontroller Features
– Power-on Reset and Programmable Brown-out Detection
– Internal Calibrated Oscillator
– External and Internal Interrupt Sources
– Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby,
and Extended Standby
• I/O and Packages
– 23 Programmable I/O Lines
– 28-pin PDIP, 32-lead TQFP, 28-pad QFN/MLF and 32-pad QFN/MLF
• Operating Voltage:
– 1.8 - 5.5V for ATmega48P/88P/168PV
– 2.7 - 5.5V for ATmega48P/88P/168P
• Temperature Range:
–-40
°C to 85°C
• Speed Grade:
– ATmega48P/88P/168PV: 0 - 4MHz @ 1.8 - 5.5V, 0 - 10MHz @ 2.7 - 5.5V
– ATmega48P/88P/168P: 0 - 10MHz @ 2.7 - 5.5V, 0 - 20MHz @ 4.5 - 5.5V
• Low Power Consumption at 1MHz, 1.8V, 25°C:
– Active Mode: 0.3mA
– Power-down Mode: 0.1µA
– Power-save Mode: 0.8µA (Including 32kHz RTC)
Note:
1. See ”Data Retention” on page 8 for details.
8-bit Atmel
Microcontroller
with 4/8/16K
Bytes In-System
Programmable
Flash
ATmega48P/V
ATmega88P/V
ATmega168P/V
Rev. 8025M–AVR–6/11


Similar Part No. - ATMEGA48P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48P ATMEL-ATMEGA48P Datasheet
445Kb / 25P
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48P ATMEL-ATMEGA48P Datasheet
420Kb / 26P
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48P ATMEL-ATMEGA48P Datasheet
8Mb / 420P
8-bit Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48P ATMEL-ATMEGA48P Datasheet
401Kb / 27P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48P ATMEL-ATMEGA48P Datasheet
6Mb / 420P
131 Powerful Instructions - Most Single Clock Cycle Execution
More results

Similar Description - ATMEGA48P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48 ATMEL-ATMEGA48_14 Datasheet
8Mb / 377P
High endurance non-volatile memory segments
ATMEGA88V ATMEL-ATMEGA88V_14 Datasheet
8Mb / 377P
High endurance non-volatile memory segments
ATMEGA128L ATMEL-ATMEGA128L_14 Datasheet
6Mb / 386P
High Endurance Non-volatile Memory segments
ATMEGA168 ATMEL-ATMEGA168_14 Datasheet
8Mb / 377P
High endurance non-volatile memory segments
ATMEGA649 ATMEL-ATMEGA649_14 Datasheet
6Mb / 392P
High Endurance Non-volatile Memory Segments
ATMEGA3250 ATMEL-ATMEGA3250_14 Datasheet
6Mb / 362P
High Endurance Non-volatile Memory Segments
ATMEGA6490 ATMEL-ATMEGA6490_14 Datasheet
6Mb / 392P
High Endurance Non-volatile Memory Segments
ATTINY13V ATMEL-ATTINY13V_14 Datasheet
3Mb / 176P
High Endurance Non-volatile Memory segments
ATMEGA165PV ATMEL-ATMEGA165PV_14 Datasheet
7Mb / 364P
High Endurance Non-volatile Memory segments
ATMEGA325P ATMEL-ATMEGA325P_14 Datasheet
5Mb / 364P
High Endurance Non-volatile Memory segments
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com